Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS01808AO-3-SC-R Datasheet(PDF) 2 Page - PUI audio inc.

Part # AS01808AO-3-SC-R
Description  15 x 11 mm Slim-Line Micro Speakers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PUIAUDIO [PUI audio inc.]
Direct Link  http://www.puiaudio.com/
Logo PUIAUDIO - PUI audio inc.

AS01808AO-3-SC-R Datasheet(HTML) 2 Page - PUI audio inc.

  AS01808AO-3-SC-R Datasheet HTML 1Page - PUI audio inc. AS01808AO-3-SC-R Datasheet HTML 2Page - PUI audio inc. AS01808AO-3-SC-R Datasheet HTML 3Page - PUI audio inc. AS01808AO-3-SC-R Datasheet HTML 4Page - PUI audio inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PUI Audio Inc. engages in continuous product improvement. All specifications are subject to change without notice. www.puiaudio.com. Copyright © 2016. Last Revised 9/16.
AS01808AO-3-SC-R
18x13mm Slim-Mount
Speaker
Product Overview
• 18 x 13 mm speaker with Neodymium magnet for 94 dB sensitivity
• 1W continuous, 1.2W maximum power handling and 8Ω impedance
• For space-limited applications such as cell phones and consumer electronics
• Spring contacts for easy electrical connection
3541 Stop Eight Road • Dayton, Ohio 45414
Frequency Response (1W @ 10 cm)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com