Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS02008MO-R Datasheet(PDF) 3 Page - PUI audio inc.

Part # AS02008MO-R
Description  IP65-rated design for protection against dust and water
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PUIAUDIO [PUI audio inc.]
Direct Link  http://www.puiaudio.com/
Logo PUIAUDIO - PUI audio inc.

AS02008MO-R Datasheet(HTML) 3 Page - PUI audio inc.

  AS02008MO-R Datasheet HTML 1Page - PUI audio inc. AS02008MO-R Datasheet HTML 2Page - PUI audio inc. AS02008MO-R Datasheet HTML 3Page - PUI audio inc. AS02008MO-R Datasheet HTML 4Page - PUI audio inc. AS02008MO-R Datasheet HTML 5Page - PUI audio inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
This document contains data proprietary to PUI Audio Inc. Any use or reproduction, in any form, without prior written permission
of PUI Audio Inc. is prohibited.
©2019, PUI Audio Inc.
PUI Audio, Inc., 3541 Stop Eight Road, Dayton, OH 45414
Tel: (937) 415-5901 Fax: (937) 415-5925
Recommended Soldering Procedure
Hand solder using a 25 to 100-watt ESD safe soldering iron with the smallest practical tip. Solder at
350°C ± 20°C (660°F ± 30°F) using lead-free solder for less than 3 seconds per terminal.
Reliability Testing
Type of Test
Test Specifications
High Temperature Test
Place the speaker in the +85 ± 2 °C chamber for
96 hours, then leave the speaker at room
temperature for 1 hour, the SPL should not
deviate by ± 3 dB, and resonant frequency should
not deviate by ± 50 Hz, compared with pre-test
measurement.
Low Temperature Test
Place the speaker in the −40 ± 2 °C chamber for
96 hours, then leave the speaker at room
temperature for 1 hour, the SPL should not
deviate by ± 3 dB, and resonant frequency should
not deviate by ± 50 Hz, compared with pre-test
measurement.
Humidity Test
After exposure the speaker in the + 40±2 °C,
relative humidity 90% ∼ 95% chamber for 96
hours, then leave the speaker at room
temperature for 6 hours, the SPL should not
deviate by ±3 dB, and resonant frequency should
not deviate by ±50 Hz, compare with pre-test
measurement.
Temperature Cycle Testing
Place the speaker in the chamber, temperature
cycle setting as below, SPL should not deviate by
± 3 dB, and resonant frequency should not
deviate by ± 80 Hz, compare with pre-test
measurement.
Vibration Test
Frequency 30±15 Hz, Amplitude 1.5 mm for 3
Hours. After test, SPL shall not deviate by
±3 dB from pre-test measurement
Drop Test
75 cm free falling on concrete floor, 10 times.
After test, SPL shall not deviate by ±3 dB
from pre-test measurement.
Load Test
Speaker shall not fail after applying 20 ∼ 20 kHz
pink noise with HPF rated power input (RMS), 96
hours. After test, SPL shall not deviate by ±3 dB
from pre-test measurement,



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com