Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS02204MR-N50-R Datasheet(PDF) 1 Page - PUI audio inc.

Part # AS02204MR-N50-R
Description  Unique design for flat frequency response
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PUIAUDIO [PUI audio inc.]
Direct Link  http://www.puiaudio.com/
Logo PUIAUDIO - PUI audio inc.

AS02204MR-N50-R Datasheet(HTML) 1 Page - PUI audio inc.

  AS02204MR-N50-R Datasheet HTML 1Page - PUI audio inc. AS02204MR-N50-R Datasheet HTML 2Page - PUI audio inc. AS02204MR-N50-R Datasheet HTML 3Page - PUI audio inc. AS02204MR-N50-R Datasheet HTML 4Page - PUI audio inc. AS02204MR-N50-R Datasheet HTML 5Page - PUI audio inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
This document contains data proprietary to PUI Audio Inc. Any use or reproduction, in any form, without prior written permission
of PUI Audio Inc. is prohibited.
©2017, PUI Audio Inc.
PUI Audio, Inc. A Projects Unlimited Company, 3541 Stop Eight Road, Dayton, OH 45414
Tel: (937) 415-5901 Fax: (937) 415-5925
Data Sheet
AS02204MR-N50-R
Introducing the N50 Mini Speaker Series from PUI Audio. High-grade
neodymium magnetic motors are employed in each N50 Series speaker to create
the highest output possible, in the smallest form factor.
The 22mm diameter AS02204MR-N50-R features a unique cone and tangential
surround design to minimize resonances for flat frequency response from 300
Hz out to 20 kHz. Integrated 32 AWG lead wires allow for easy installation.
Features:
•
Unique design for flat frequency response
•
High 79 dB output at 1W/50cm
•
N50 neodymium motor
•
Only 6.7mm thick
•
1.5mm of excursion
Specifications
Parameters
Values
Units
Rated Input Power
2
Watts
Max Input Power
2.5
Watts
Impedance
4 ± 15%
Ohms
Sensitivity (SPL @ 1W/50cm)
(800, 1000, 1200, and 1500 Hz)
79 ± 3
dBA
Distortion (Max @ 2W, 1 kHz)
<5%
Resonant Frequency
300 ± 20%
Hz
Frequency Range
200 ~ 20,000
Hz
Housing Material
ABS
Magnet Material
NdFeB
Weight
5.5
Grams


Similar Part No. - AS02204MR-N50-R

ManufacturerPart #DatasheetDescription
logo
PUI audio inc.
AS02008MO-R PUIAUDIO-AS02008MO-R Datasheet
449Kb / 5P
IP65-rated design for protection against dust and water
AS02008MR-5-R PUIAUDIO-AS02008MR-5-R Datasheet
351Kb / 1P
ALL DIMENSIONS ARE IN MILLIMETERS
AS02008MR-LW152-R PUIAUDIO-AS02008MR-LW152-R Datasheet
274Kb / 1P
ALL DIMENSIONS ARE IN MILLIMETERS
logo
Projects Unlimited, Inc...
AS02008MR-R PUI-AS02008MR-R Datasheet
230Kb / 1P
Speaker
logo
PUI audio inc.
AS02008MR-R PUIAUDIO-AS02008MR-R Datasheet
334Kb / 1P
ALL DIMENSIONS ARE IN MILLIMETERS
More results

Similar Description - AS02204MR-N50-R

ManufacturerPart #DatasheetDescription
logo
PUI audio inc.
AS01506MS-SC11-WP-R PUIAUDIO-AS01506MS-SC11-WP-R Datasheet
685Kb / 5P
PEEK diaphragm for flat frequency response
AS01506MS-SC15-WP-R PUIAUDIO-AS01506MS-SC15-WP-R Datasheet
687Kb / 5P
PEEK diaphragm for flat frequency response
AS01506MS-SP11-WP-R PUIAUDIO-AS01506MS-SP11-WP-R Datasheet
676Kb / 5P
PEEK diaphragm for flat frequency response
AS01506MS-SP15-WP-R PUIAUDIO-AS01506MS-SP15-WP-R Datasheet
677Kb / 5P
PEEK diaphragm for flat frequency response
AS01508MS-SC11-WP-R PUIAUDIO-AS01508MS-SC11-WP-R Datasheet
1Mb / 5P
PEEK diaphragm for flat frequency response
AS01508MS-SC15-WP-R PUIAUDIO-AS01508MS-SC15-WP-R Datasheet
707Kb / 5P
PEEK diaphragm for flat frequency response
AS01606MS-SC16-WP-R PUIAUDIO-AS01606MS-SC16-WP-R Datasheet
678Kb / 5P
PEEK diaphragm for flat frequency response
AS01606MS-SP16-WP-R PUIAUDIO-AS01606MS-SP16-WP-R Datasheet
666Kb / 5P
PEEK diaphragm for flat frequency response
AS01608MS-SC16-WP-R PUIAUDIO-AS01608MS-SC16-WP-R Datasheet
681Kb / 5P
PEEK diaphragm for flat frequency response
AS01608MS-SP9-WP-R PUIAUDIO-AS01608MS-SP9-WP-R Datasheet
674Kb / 5P
PEEK diaphragm for flat frequency response
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com