Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS02504PR-N50-R Datasheet(PDF) 1 Page - PUI audio inc.

Part # AS02504PR-N50-R
Description  Paper cone and rubber surround
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PUIAUDIO [PUI audio inc.]
Direct Link  http://www.puiaudio.com/
Logo PUIAUDIO - PUI audio inc.

AS02504PR-N50-R Datasheet(HTML) 1 Page - PUI audio inc.

  AS02504PR-N50-R Datasheet HTML 1Page - PUI audio inc. AS02504PR-N50-R Datasheet HTML 2Page - PUI audio inc. AS02504PR-N50-R Datasheet HTML 3Page - PUI audio inc. AS02504PR-N50-R Datasheet HTML 4Page - PUI audio inc. AS02504PR-N50-R Datasheet HTML 5Page - PUI audio inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
This document contains data proprietary to PUI Audio Inc. Any use or reproduction, in any form, without prior written permission
of PUI Audio Inc. is prohibited.
©2017, PUI Audio Inc.
PUI Audio, Inc. A Projects Unlimited Company, 3541 Stop Eight Road, Dayton, OH 45414
Tel: (937) 415-5901 Fax: (937) 415-5925
Data Sheet
AS02504PR-N50-R
Introducing the N50 Mini Speaker Series from PUI Audio. High-grade
neodymium magnetic motors are employed in each N50 Series speaker to create
the highest output possible, in the smallest form factor.
The 25mm diameter AS02504PR-N50-R features a paper cone for warm,
natural sound when reproducing music or voice. A rubber surround provides
excellent damping while remaining resilient over time. 25mm long 30AWG lead
wires offer quick installation.
Features:
•
Paper cone and rubber surround
•
High 79 dB output at 1W/50cm
•
N50 neodymium motor
•
Only 7.5mm thick
•
1.5mm of excursion
Specifications
Parameters
Values
Units
Rated Input Power
2
Watts
Max Input Power
2.5
Watts
Impedance
4 ± 15%
Ohms
Sensitivity (SPL @ 1W/50cm)
(800, 1000, 1200, and 1500 Hz)
79 ± 3
dBA
Distortion (Max @ 1W, 1 kHz)
<5%
Resonant Frequency
280 ± 20%
Hz
Frequency Range
250 ~ 20,000
Hz
Housing Material
ABS
Magnet Material
NdFeB
Weight
6.7
Grams


Similar Part No. - AS02504PR-N50-R

ManufacturerPart #DatasheetDescription
logo
Projects Unlimited, Inc...
AS02508CO-2-R PUI-AS02508CO-2-R Datasheet
269Kb / 1P
Speaker
logo
PUI audio inc.
AS02508CO-2-R PUIAUDIO-AS02508CO-2-R Datasheet
268Kb / 1P
ALL DIMENSIONS ARE IN MILLIMETERS
logo
Projects Unlimited, Inc...
AS02508CO-2-WR-R PUI-AS02508CO-2-WR-R Datasheet
278Kb / 1P
Speaker
logo
PUI audio inc.
AS02508CO-2-WR-R PUIAUDIO-AS02508CO-2-WR-R Datasheet
257Kb / 1P
ALL DIMENSIONS ARE IN MILLIMETERS
More results

Similar Description - AS02504PR-N50-R

ManufacturerPart #DatasheetDescription
logo
CUI INC
GA0876 CUI-GA0876 Datasheet
225Kb / 2P
Square frame paper cone - alnico magnet
logo
PUI audio inc.
AS01808PR-N50-R PUIAUDIO-AS01808PR-N50-R Datasheet
627Kb / 5P
Paper cone with inverted foam surround
AS02704MS-N50-LW100-R PUIAUDIO-AS02704MS-N50-LW100-R Datasheet
519Kb / 5P
Polymer cone with rubber surround and PE gasket for dust and waterproofing to IP67
AS02804PR-N50-R PUIAUDIO-AS02804PR-N50-R Datasheet
562Kb / 5P
Paper cone and foam surround
AS03104MR-N50-R PUIAUDIO-AS03104MR-N50-R Datasheet
655Kb / 5P
Silver poly cone and foam surround
AS03604MR-N50-R PUIAUDIO-AS03604MR-N50-R Datasheet
806Kb / 5P
Black poly cone and rubber surround
AS04004MR-N50-R PUIAUDIO-AS04004MR-N50-R Datasheet
616Kb / 5P
Silver poly cone and rubber surround
AS04004MR-N50-WP-R PUIAUDIO-AS04004MR-N50-WP-R Datasheet
397Kb / 6P
Silver poly cone and rubber surround
AS08304CR-R PUIAUDIO-AS08304CR-R Datasheet
932Kb / 4P
Woven glass-fiber cone and rubber surround for weather resistance
AS08308CR-R PUIAUDIO-AS08308CR-R Datasheet
931Kb / 4P
Woven glass-fiber cone and rubber surround for weather resistance
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com