Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS03204MS-3-R Datasheet(PDF) 1 Page - PUI audio inc.

Part # AS03204MS-3-R
Description  IP67 rated speaker face
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PUIAUDIO [PUI audio inc.]
Direct Link  http://www.puiaudio.com/
Logo PUIAUDIO - PUI audio inc.

AS03204MS-3-R Datasheet(HTML) 1 Page - PUI audio inc.

  AS03204MS-3-R Datasheet HTML 1Page - PUI audio inc. AS03204MS-3-R Datasheet HTML 2Page - PUI audio inc. AS03204MS-3-R Datasheet HTML 3Page - PUI audio inc. AS03204MS-3-R Datasheet HTML 4Page - PUI audio inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
This document contains data proprietary to PUI Audio Inc. Any use or reproduction, in any form, without prior written permission
of PUI Audio Inc. is prohibited.
©2017, PUI Audio Inc.
PUI Audio, Inc., 3541 Stop Eight Road, Dayton, OH 45414
Tel: (937) 415-5901 Fax: (937) 415-5925
Data Sheet
AS03204MS-3-R
PUI Audio’s AS03204MS-3-R packs a punch despite its 32 x 32 x 16.5mm size. A
3W nominal, 4W max power handling and great sensitivity combine to make for
a small speaker that can output as much as 85 dB of sound at one meter!
The flat 200 Hz to 20,000 Hz frequency response covers over 90% of the audio
band, and high–end design—rubber surround and non-resonant frame—makes
for a speaker that truly delivers high fidelity performance. Great for critical
listening applications!
Features:
•
IP67 rated speaker face
•
High 83 dB output at 1W/50cm
•
Neodymium motor
•
Only 16.5 mm thick
•
1.5mm of excursion
Specifications
Parameters
Values
Units
Rated Input Power
3
Watts
Max Input Power
4
Watts
Impedance
4 ± 15%
Ohms
Sensitivity (SPL @ 1W/50cm)
(600, 800, 1000, and 1200 Hz)
83 ± 3
dBA
Distortion (Max @ 1W, 1 kHz)
<5%
-
Resonant Frequency
200 ± 20%
Hz
Frequency Range
200 ~ 20,000
Hz
Housing Material
ABS
-
Magnet Material
NdFeB
-
Weight
16.6
Grams
Environmental Protection Rating
IP67
-


Similar Part No. - AS03204MS-3-R

ManufacturerPart #DatasheetDescription
logo
PUI audio inc.
AS03208MS-3-R PUIAUDIO-AS03208MS-3-R Datasheet
449Kb / 4P
IP65 rated speaker face
More results

Similar Description - AS03204MS-3-R

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
660-308-64 MARL-660-308-64 Datasheet
309Kb / 3P
IP67 Rated Panel Mount Indicator
661-508-64 MARL-661-508-64 Datasheet
330Kb / 3P
IP67 Rated Panel Mount Indicator
logo
List of Unclassifed Man...
PM5-PRD ETC2-PM5-PRD Datasheet
386Kb / 2P
IP67 Rated Panel Mount lndlcator
PM5-PAD ETC2-PM5-PAD Datasheet
386Kb / 2P
IP67 Rated Panel Mount Indicator
logo
Marl International Limi...
660-308-64 MARL-660-308-64 Datasheet
309Kb / 3P
IP67 Rated Panel Mount Indicator
661-508-64 MARL-661-508-64 Datasheet
330Kb / 3P
IP67 Rated Panel Mount Indicator
logo
Red Lion Controls. Inc
M12A REDLION-M12A Datasheet
366Kb / 1P
IP67 Rated Power Cables
105M12 REDLION-105M12 Datasheet
886Kb / 3P
IP67 Rated Unmanaged Industrial Ethernet Switch
logo
Laird Tech Smart Techno...
PDQ24499 LSTD-PDQ24499 Datasheet
619Kb / 2P
IP67 Rated and RoHS compliant
logo
PUI audio inc.
AS03208MS-3-R PUIAUDIO-AS03208MS-3-R Datasheet
449Kb / 4P
IP65 rated speaker face
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com