Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS03908AS-R Datasheet(PDF) 1 Page - PUI audio inc.

Part # AS03908AS-R
Description  ALL DIMENSIONS ARE IN MILLIMETERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PUIAUDIO [PUI audio inc.]
Direct Link  http://www.puiaudio.com/
Logo PUIAUDIO - PUI audio inc.

AS03908AS-R Datasheet(HTML) 1 Page - PUI audio inc.

  AS03908AS-R Datasheet HTML 1Page - PUI audio inc. AS03908AS-R Datasheet HTML 2Page - PUI audio inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Speaker
AS03908AS-R
M.V.
M.V.
B.R.
4/22/2016
-
Designed by
Checked by
Approved by
Drawn Date
1 / 1
Edition
Sheet
Date
4/22/2016
Date
4/22/2016
Date
4/22/2016
UNLESS OTHERWISE
SPECIFIED:
DIMENSIONS ARE IN
MILLIMETERS,
TOLERANCES
ARE 0.5 AND
ANGLES ARE 3 .
AS03908AS-R.idw
A3
SIZE
REVISION HISTORY
LTR
DESCRIPTION
DATE
APPROVED
-
RELEASED FROM ENGINEERING
2/19/16
SPECIFICATIONS
PARAMETERS
VALUES
UNITS
RATED INPUT POWER
5
W
MAX INPUT POWER
8
W
IMPEDANCE
8
15%
OHM
OUTPUT SPL @ 1W/0.5M
(AT 0.6, 0.8, 1.0, 1.2 kHz)
78
3
dBA
DISTORTION (MAX. @ 1W/1
kHz)
5%
-
RESONANT FREQUENCY
250
20%
Hz
FREQUENCY RANGE
130 ~ 20,000
Hz
HOUSING MATERIAL
ABS
-
CONE MATERIAL
ALUMINUM
-
MAGNET MATERIAL
NdFeB
-
OPERATING TEMPERATURE
-25 ~ +60
C
WEIGHT
48.5
grams
NOTES:
1. ALL DIMENSIONS ARE IN MILLIMETERS.
2. SPECIFICATIONS SUBJECT TO CHANGE OR WITHDRAWL
WITHOUT NOTICE.
3. THIS PART IS RoHS 2011/65/EU COMPLIANT.
THIS DOCUMENT CONTAINS DATA PROPRIETARY TO
PROJECTS UNLIMITED, INC. ANY USE OR
REPRODUCTION, IN ANY FORM, WITHOUT PRIOR
WRITTEN PERMISSION OF PROJECTS UNLIMITED,
INC. IS PROHIBITED.
2003, Projects Unlimited Inc.
39 0.3
39 0.3
9.9
11.9
12.5
22
29 0.5
25
3.4 - 4
43
19.4
35.5
0.3


Similar Part No. - AS03908AS-R

ManufacturerPart #DatasheetDescription
logo
Projects Unlimited, Inc...
AS03008MR-R PUI-AS03008MR-R Datasheet
313Kb / 1P
Speaker
logo
PUI audio inc.
AS03008MR-R PUIAUDIO-AS03008MR-R Datasheet
313Kb / 1P
ALL DIMENSIONS ARE IN MILLIMETERS
AS03104MR-N50-R PUIAUDIO-AS03104MR-N50-R Datasheet
655Kb / 5P
Silver poly cone and foam surround
AS03204MS-3-R PUIAUDIO-AS03204MS-3-R Datasheet
415Kb / 4P
IP67 rated speaker face
AS03208MS-3-R PUIAUDIO-AS03208MS-3-R Datasheet
449Kb / 4P
IP65 rated speaker face
More results

Similar Description - AS03908AS-R

ManufacturerPart #DatasheetDescription
logo
PUI audio inc.
SMT-0824-TW-5V-R PUIAUDIO-SMT-0824-TW-5V-R Datasheet
156Kb / 1P
ALL DIMENSIONS ARE IN MILLIMETERS
SMT-0927-S-7-R PUIAUDIO-SMT-0927-S-7-R Datasheet
259Kb / 1P
ALL DIMENSIONS ARE IN MILLIMETERS
SMT-0927-S-11-R PUIAUDIO-SMT-0927-S-11-R Datasheet
269Kb / 1P
ALL DIMENSIONS ARE IN MILLIMETERS
SMT-0940-T-3V-R PUIAUDIO-SMT-0940-T-3V-R Datasheet
332Kb / 1P
ALL DIMENSIONS ARE IN MILLIMETERS
SMT-1220-TW-R PUIAUDIO-SMT-1220-TW-R Datasheet
253Kb / 1P
ALL DIMENSIONS ARE IN MILLIMETERS
SMT-1324-TW-1V-R PUIAUDIO-SMT-1324-TW-1V-R Datasheet
159Kb / 1P
ALL DIMENSIONS ARE IN MILLIMETERS
TOM-1545L-LW100-R PUIAUDIO-TOM-1545L-LW100-R Datasheet
264Kb / 1P
ALL DIMENSIONS ARE IN MILLIMETERS
TOM-1545L-R PUIAUDIO-TOM-1545L-R Datasheet
193Kb / 1P
ALL DIMENSIONS ARE IN MILLIMETERS
UR-1640K-TT-2-R PUIAUDIO-UR-1640K-TT-2-R Datasheet
275Kb / 1P
ALL DIMENSIONS ARE IN MILLIMETERS
X-2629-TWT-R PUIAUDIO-X-2629-TWT-R Datasheet
210Kb / 1P
ALL DIMENSIONS ARE IN MILLIMETERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com