Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS04004MR-N50-R Datasheet(PDF) 2 Page - PUI audio inc.

Part # AS04004MR-N50-R
Description  Silver poly cone and rubber surround
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PUIAUDIO [PUI audio inc.]
Direct Link  http://www.puiaudio.com/
Logo PUIAUDIO - PUI audio inc.

AS04004MR-N50-R Datasheet(HTML) 2 Page - PUI audio inc.

  AS04004MR-N50-R Datasheet HTML 1Page - PUI audio inc. AS04004MR-N50-R Datasheet HTML 2Page - PUI audio inc. AS04004MR-N50-R Datasheet HTML 3Page - PUI audio inc. AS04004MR-N50-R Datasheet HTML 4Page - PUI audio inc. AS04004MR-N50-R Datasheet HTML 5Page - PUI audio inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
This document contains data proprietary to PUI Audio Inc. Any use or reproduction, in any form, without prior written permission
of PUI Audio Inc. is prohibited.
©2017, PUI Audio Inc.
PUI Audio, Inc. A Projects Unlimited Company, 3541 Stop Eight Road, Dayton, OH 45414
Tel: (937) 415-5901 Fax: (937) 415-5925
Specifications (continued)
Buzz, Rattle, etc.
Should not be audible with
4.47Vpk sine wave from 150 Hz
to 20 kHz
Polarity
When positive voltage is applied
to the positive terminal, the
diaphragm will move outward
Operating Temperature
-20 ~ +60
°C
Storage Temperature
-30 ~ +70
°C
Measurement Method
Test Baffle (speaker mounted in circle)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com