Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PL23C3 Datasheet(PDF) 1 Page - Prolific Technology Inc.

Part # PL23C3
Description  USB HID to I2C Bridge Controller
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROLIFIC [Prolific Technology Inc.]
Direct Link  http://www.prolific.com.tw
Logo PROLIFIC - Prolific Technology Inc.

PL23C3 Datasheet(HTML) 1 Page - Prolific Technology Inc.

  PL23C3 Datasheet HTML 1Page - Prolific Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1
PL23C3 Product Brochure
v1.0 4/21/19’
Prolific Technology Inc.
7F, #48, Sec.3, Nan-Kang Rd., Taipei, Taiwan 115, ROC
Tel: 886-2-2654-6363
Fax: 886-2-2654-6161
E-mail: sales@prolific.com.tw
http://www.prolific.com.tw
OVERVIEW
The PL23C3 is a high performance single-chip USB HID to I2C bridge controller for connecting various I2C
interface devices to any Universal Serial Bus (USB) capable host. The PL23C3 implements the standard
USB Human Interface Device (HID) device class which is natively supported in most operating systems; so
the PL23C3 does not need any custom driver installation. The operating system or USB host communicates
with the PL23C3 through HID application software developed based on Prolific Windows/Mac/Linux DLL
libraries.
The PL23C3 is designed to support a wide-range of I2C domain including portable, embedded, industrial,
consumer devices. With very small power consumption in either operating or suspend mode, the PL23C3 is
perfect for self-powered operation and can reserve power for the attached I2C devices. Flexible signal
voltage option allows the PL23C3 to connect directly to I2C devices with 5V~1.8V signals.
FEATURES
Full Compliant with USB Specification v2.0 (Full-Speed)
Full Compliant with USB HID class driver
On-chip USB 1.1 transceiver and 5V to 3.3V regulator
On-chip 96MHz Clock Generator
USB Human Interface Device (HID) class:
- No driver installation needed for Windows, Mac,
Linux, and Android.
- Provides HID-to-I2C SDK (DLL libraries) for
application development.
USB HID to I2C Master specification support
- Supports I2C Standard mode, Fast Mode and Fast
Mode Plus (FM+) up to 1 Mbit/s
- Supports flexible I2C SCL clock generation, clock
rate up to 1MHz
1024-byte bi-directional data FIFO buffers (768-byte
receive/256-byte transmit).
Package type: QFN16
PL23C3
USB HID to I2C Bridge Controller
BLOCK DIAGRAM


Similar Part No. - PL23C3

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PL2303 ETC1-PL2303 Datasheet
144Kb / 11P
PL-2303 USB to RS-232 Bridge Controller Product Datasheet
logo
Prolific Technology Inc...
PL2303 PROLIFIC-PL2303 Datasheet
1Mb / 30P
USB to Serial Bridge Controller
logo
List of Unclassifed Man...
PL2303 ETC-PL2303 Datasheet
149Kb / 11P
PL-2303 USB to RS-232 Bridge Controller
PL2303EA ETC2-PL2303EA Datasheet
177Kb / 1P
Supports remote wake-up from MODEM input signals
logo
Prolific Technology Inc...
PL2303GC PROLIFIC-PL2303GC Datasheet
119Kb / 1P
USB to Serial Bridge Controller
More results

Similar Description - PL23C3

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PL-2301 ETC1-PL-2301 Datasheet
27Kb / 1P
USB TO USB BRIDGE CONTROLLER
logo
Silicon Laboratories
CP2110 SILABS-CP2110 Datasheet
268Kb / 26P
SINGLE-CHIP HID USB TO UART BRIDGE
CP2112 SILABS-CP2112 Datasheet
225Kb / 22P
SINGLE-CHIP HID USB TO SMBUS MASTER BRIDGE
logo
Future Technology Devic...
FT260Q-R FTDI-FT260Q-R Datasheet
2Mb / 61P
HID-class USB to UART/I2C Bridge IC
FT260S-U FTDI-FT260S-U Datasheet
2Mb / 61P
HID-class USB to UART/I2C Bridge IC
T260Q-T FTDI-T260Q-T Datasheet
2Mb / 61P
HID-class USB to UART/I2C Bridge IC
logo
Holtek Semiconductor In...
HT42B564-1 HOLTEK-HT42B564-1 Datasheet
1Mb / 13P
USB (HID) to UART Bridge IC
December 21, 2016
HT42B564-X HOLTEK-HT42B564-X Datasheet
1Mb / 13P
USB (HID) to UART Bridge IC
logo
Prolific Technology Inc...
PL23B3 PROLIFIC-PL23B3 Datasheet
119Kb / 1P
USB HID to Serial Bridge Controller
PL23D3 PROLIFIC-PL23D3 Datasheet
118Kb / 1P
USB HID to SPI Bridge Controller
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com