Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PL2303GL Datasheet(PDF) 1 Page - Prolific Technology Inc.

Part # PL2303GL
Description  USB to Serial Bridge Controller
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROLIFIC [Prolific Technology Inc.]
Direct Link  http://www.prolific.com.tw
Logo PROLIFIC - Prolific Technology Inc.

PL2303GL Datasheet(HTML) 1 Page - Prolific Technology Inc.

  PL2303GL Datasheet HTML 1Page - Prolific Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1
PL2303GL Product Brochure
V1.0 1/25/19’
Prolific Technology Inc.
7F, #48, Sec.3, Nan-Kang Rd., Taipei, Taiwan 115, ROC
Tel: 886-2-2654-6363
Fax: 886-2-2654-6161
E-mail: sales@prolific.com.tw
http://www.prolific.com.tw
OVERVIEW
The PL2303GL is a low cost and high performance USB-to-Serial Bridge Controller. The PL2303GL provides
a convenient small-factor solution for connecting an RS232-like full-duplex asynchronous serial device
(TXD/RXD only) to any USB host. Prolific provides highly compatible drivers that could simulate the
traditional COM port on most operating systems allowing the existing applications based on COM port to
easily migrate and be made USB ready.
By taking advantage of USB bulk transfer mode and large data buffers, PL2303GL is capable of achieving
higher throughput compared to traditional UART (Universal Asynchronous Receiver Transmitter) ports. The
flexible baud rate generator of PL2303GL also could be programmed to generate any rate between 1 bps to
115 kbps.
FEATURES
Full Compliant with USB Specification v2.0 (Full-Speed)
On-chip USB 1.1 transceiver and 5V to 3.3V regulator
On-chip 96MHz Clock Generator
Supports OTPROM (One-Time Programmable ROM)
for USB device descriptors. OTPROM can be
programmed directly through USB port.
Each IC has unique ID(for Serial Number)
Full-duplex transmitter and receiver (TXD / RXD)
- 5, 6, 7,or 8data bits
- Odd, Even, Mark, Space, or None parity mode
- 1, 1.5,or 2 stop bits
- Parity error, frame error, and serial break detection
- Programmable baud rate from 1bps to 115kbps
- Independent power source for serial interface
- Works with existing PC COM Port software
applications(TXD / RXD)
1024-byte bi-directional data buffers (768-byte
receive/256-byte transmit).
Package type: SOP8 / UQFN8
PL2303GL
USB to Serial Bridge Controller
BLOCK DIAGRAM


Similar Part No. - PL2303GL

ManufacturerPart #DatasheetDescription
logo
Prolific Technology Inc...
PL2303GC PROLIFIC-PL2303GC Datasheet
119Kb / 1P
USB to Serial Bridge Controller
PL2303GS PROLIFIC-PL2303GS Datasheet
119Kb / 1P
USB to Serial Bridge Controller
PL2303GT PROLIFIC-PL2303GT Datasheet
115Kb / 1P
USB to RS232 Bridge Controller
More results

Similar Description - PL2303GL

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PL-2313 ETC1-PL-2313 Datasheet
58Kb / 1P
USB TO DUAL SERIAL BRIDGE CONTROLLER
PL-2303X ETC1-PL-2303X Datasheet
168Kb / 1P
USB to Serial Bridge Controller
AU9720 ETC2-AU9720 Datasheet
277Kb / 16P
USB to Serial Bridge Controller
logo
Prolific Technology Inc...
PL23B3 PROLIFIC-PL23B3 Datasheet
119Kb / 1P
USB HID to Serial Bridge Controller
PL2303GC PROLIFIC-PL2303GC Datasheet
119Kb / 1P
USB to Serial Bridge Controller
PL2303GS PROLIFIC-PL2303GS Datasheet
119Kb / 1P
USB to Serial Bridge Controller
PL2303TA PROLIFIC-PL2303TA Datasheet
175Kb / 1P
USB to Serial Bridge Controller
PL2303TB PROLIFIC-PL2303TB Datasheet
107Kb / 1P
USB to Serial and GPIO Bridge Controller
PL-2303HX PROLIFIC-PL-2303HX Datasheet
531Kb / 21P
USB to Serial Bridge Controller
PL-2303HX PROLIFIC-PL-2303HX_V01 Datasheet
1Mb / 30P
USB to Serial Bridge Controller
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com