Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PL2771 Datasheet(PDF) 1 Page - Prolific Technology Inc.

Part # PL2771
Description  SuperSpeed USB3.0 to SATAII Bridge Controller
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROLIFIC [Prolific Technology Inc.]
Direct Link  http://www.prolific.com.tw
Logo PROLIFIC - Prolific Technology Inc.

PL2771 Datasheet(HTML) 1 Page - Prolific Technology Inc.

  PL2771 Datasheet HTML 1Page - Prolific Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
PL-2771 Product Brochure
v1.2 5/28/10’
OVERVIEW
The PL2771 is a single-chip SuperSpeed USB3.0 to SATAII compliant bridge controller that is designed to
perform seamless protocol transfer between the USB3.0 and SATAII interface. It supports latest USB3.0
Superspeed with 5Gb/s bandwidth. SuperSpeed USB 3.0(5Gb/s) delivers ten times the performance of
Hi-Speed USB 2.0(480Mb/s) while offering backward compatibility with the billions of USB-enabled PCs and
peripheral devices. It is fully backward compatible to all USB 2.0 and USB 1.1 hosts and operates under
SuperSpeed, Hi-Speed, and Full-Speed USB connections. The PL2771 also has an embedded high
performance 8-bit microcontroller that can be used to support versatile system applications such as one
button backup, power control, and other features for USB port. The PL2771 is implemented according to the
USB Mass Storage Class driver and latest UASP driver.
FEATURES
Compliant with USB 3.0 and USB2.0 Specification
Serial ATA Revision 3.0 Specification Compliant
Ultra-low power 1.2V core operating voltage by
0.13um process
USB3 bus power operation
Multi-function General Purpose IO (GPIO) pins
can be defined for USB speed LED, button inputs,
and other special functions.
Applications support : OTB, Autorun/Password,
Capacity Indicator, Power management
Support Serial ATA hot-plug
Support single 30MHz reference clock
Firmware upgradeable through USB interface
Support PWM interface and generic SPI/I2C
master/slave interface
Provide SDK for General Purpose IO pins for
further applications
Package Type : LQFP64/QFN48
PL2771
SuperSpeed USB3.0 to SATAII Bridge Controller
BLOCK DIAGRAM
Prolific Technology Inc.
7F, #48, Sec.3, Nan-Kang Rd., Taipei, Taiwan 115
Tel: 886-2-2654-6363
Fax: 886-2-2654-6161
E-mail: sales@prolific.com.tw
http://www.prolific.com.tw
USB3/USB2
PHY
USB3
Device
Controller
8-bit MCU
USB3.0
Device
SATA Link
Controller
ROM
PLL
30M
Crystal
SATAII PHY
SATA Device
RAM
Data Bus
Serial Flash
USB2
Device
Controller
Data DMA
Controller
PWM
SPI/I2C


Similar Part No. - PL2771

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PL2771 ETC2-PL2771 Datasheet
173Kb / 1P
SuperSpeed USB3.0 to SATAII Bridge Controller
More results

Similar Description - PL2771

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PL2771 ETC2-PL2771 Datasheet
173Kb / 1P
SuperSpeed USB3.0 to SATAII Bridge Controller
PL2773 ETC2-PL2773 Datasheet
182Kb / 1P
USB3.0/eSATAII to SATAII Bridge Controller
PL2775 ETC2-PL2775 Datasheet
174Kb / 1P
SuperSpeed USB 3.0 to Dual SATA Bridge Controller
PL-2571 ETC2-PL-2571 Datasheet
64Kb / 1P
Hi-Speed USB to SATAII Bridge Controller
logo
Cypress Semiconductor
CYUSB306X CYPRESS-CYUSB306X Datasheet
720Kb / 37P
EZ-USB짰 CX3: MIPI CSI-2 to SuperSpeed USB Bridge Controller
CYUSB3610 CYPRESS-CYUSB3610 Datasheet
915Kb / 35P
EZ-USB GX3: SuperSpeed USB to Gigabit Ethernet Bridge Controller
logo
Prolific Technology Inc...
PL27A1 PROLIFIC-PL27A1 Datasheet
563Kb / 17P
SuperSpeed USB 3.0 Host-to-Host Bridge Controller
PL2773 PROLIFIC-PL2773 Datasheet
182Kb / 1P
USB3.0/eSATAII to SATAII Bridge Controller
PL2775 PROLIFIC-PL2775 Datasheet
174Kb / 1P
SuperSpeed USB 3.0 to Dual SATA Bridge Controller
logo
Silicon Motion Technolo...
SM3267 SILICONMOTION-SM3267 Datasheet
163Kb / 1P
Mobile Storage SuperSpeed USB3.0 Flash Drive Controller
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com