Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PL2887 Datasheet(PDF) 1 Page - Prolific Technology Inc.

Part # PL2887
Description  USB Type-C Charging Controller
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROLIFIC [Prolific Technology Inc.]
Direct Link  http://www.prolific.com.tw
Logo PROLIFIC - Prolific Technology Inc.

PL2887 Datasheet(HTML) 1 Page - Prolific Technology Inc.

  PL2887 Datasheet HTML 1Page - Prolific Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
PL2887
USB Type-C Charging Controller
Overview
The PL2887 is USB Type-C DFP charging controller, used for advertise Type-C current through
CC1/CC2 pins. In addition, the PL2887 also provide the conventional USB Battery Charging
Specification Rev.1.2 (BC1.2), Divider mode and 1.2V mode to comply with the legacy fast
charging mode of mobile devices.
The PL2887 built-in a gate driver to turn on the external power MOSFET of VBUS when the
device attached, and implement the discharging circuit when detached.
Features
Compliant with USB Type-C Specification
Rev.1.1 DFP mode.
Type-C current 3A advertisement
through CC1/CC2 pins.
Compliant with USB Battery Charging
Specification Rev.1.2.
Support Apple Divide mode. (2.4A)
Support Samsung 1.2V mode.(2.1A)
Support Chinese Telecommunications
Industry Standard YD/T 1591-2009.
Built in gate driver for VBUS power
MOSFET.
Discharging VBUS when CC1/CC2
detached.
HBM> 8KV, MM>400V.
SOT23 8-pin package.
1
2
3
4
5
6
7
8
CC2
VDD
DP
DM
CC1
GND
VBUSEn
Discharge
PL2887


Similar Part No. - PL2887

ManufacturerPart #DatasheetDescription
logo
Amphenol Industrial Pro...
PL28X-201-25 AIO-PL28X-201-25 Datasheet
4Mb / 11P
PowerLok
Rev 2.1 2014-04
PL28X-201-35 AIO-PL28X-201-35 Datasheet
4Mb / 11P
PowerLok
Rev 2.1 2014-04
PL28Y-201-25 AIO-PL28Y-201-25 Datasheet
4Mb / 11P
PowerLok
Rev 2.1 2014-04
PL28Y-201-35 AIO-PL28Y-201-35 Datasheet
4Mb / 11P
PowerLok
Rev 2.1 2014-04
More results

Similar Description - PL2887

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MA5885 ETC2-MA5885 Datasheet
240Kb / 2P
USB Fast Charging Controller
MA5887 ETC2-MA5887 Datasheet
204Kb / 2P
USB FAST CHARGING CONTROLLER
MA5889 ETC2-MA5889 Datasheet
200Kb / 2P
USB FAST CHARGING CONTROLLER
logo
Cypress Semiconductor
CCG2 CYPRESS-CCG2 Datasheet
2Mb / 33P
USB Type-C Port Controller
CCG3 CYPRESS-CCG3 Datasheet
1,021Kb / 45P
USB Type-C Port Controller
CCG4 CYPRESS-CCG4 Datasheet
472Kb / 35P
USB Type-C Port Controller
logo
Prolific Technology Inc...
MA5887 PROLIFIC-MA5887 Datasheet
204Kb / 2P
USB Fast Charging Controller
MA5889 PROLIFIC-MA5889 Datasheet
200Kb / 2P
USB Fast Charging Controller
logo
Kinetic Technologies.
MCDP9000 KINETIC-MCDP9000 Datasheet
181Kb / 5P
USB Type-C Port Controller
June 2022 - Revision 04c
logo
Infineon Technologies A...
CYPD6125-40LQXIT INFINEON-CYPD6125-40LQXIT Datasheet
518Kb / 39P
USB Type-C Port Controller
July 26, 2021
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com