Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FEP16GT Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # FEP16GT
Description  Fast Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

FEP16GT Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  FEP16GT Datasheet HTML 1Page - Inchange Semiconductor Company Limited FEP16GT Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
isc website:www.iscsemi.com
isc & iscsemi is registered trademark
1
Fast Rectifier
FEP16GT
FEATURES
·
With TO-220 packaging
·
High junction temperature capability
·
Low forward voltage
·
High current capability
·
Low power loss, high efficiency
·
Minimum Lot-to-Lot variations for robust device
performance and reliable operation
APPLICATIONS
·
Switching power supply
·
Free-Wheeling diodes
·
Reverse battery protection
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNI
T
VRRM
VRMS
VR
Peak Repetitive Reverse Voltage
RMS Voltage
DC Blocking Voltage
400
V
IF(AV)
Average Rectified Forward Current @Tc=100℃
16
A
IFSM
Nonrepetitive Peak Surge Current
(8.3ms single half sine-wave superimposed on
rated load conditions)
200
A
PD
Total Device Dissipation
8.33
W
TJ
Junction Temperature
-65~150
℃
Tstg
Storage Temperature Range
-65~150
℃


Similar Part No. - FEP16GT

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FEP16GT FAIRCHILD-FEP16GT Datasheet
37Kb / 3P
16 Ampere Glass Passivated Super Fast Rectifiers
logo
General Semiconductor
FEP16GT GE-FEP16GT Datasheet
80Kb / 2P
FAST EFFICIENT PLASTIC RECTIFIER
logo
TAITRON Components Inco...
FEP16GT TAITRON-FEP16GT Datasheet
158Kb / 5P
16A Super Fast Recovery Rectifiers
logo
Vishay Siliconix
FEP16GT VISHAY-FEP16GT Datasheet
157Kb / 5P
Dual Common-Cathode Ultrafast Plastic Rectifier
07-Nov-07
logo
EIC discrete Semiconduc...
FEP16GT EIC-FEP16GT Datasheet
121Kb / 2P
Ultrafast Plastic Rectifiers
More results

Similar Description - FEP16GT

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
1N994 NJSEMI-1N994 Datasheet
80Kb / 1P
Fast Rectifier
1N3110 NJSEMI-1N3110 Datasheet
97Kb / 1P
Fast Rectifier
1N3122 NJSEMI-1N3122 Datasheet
83Kb / 1P
Fast Rectifier
1N3666 NJSEMI-1N3666 Datasheet
79Kb / 1P
Fast Rectifier
1N3892 NJSEMI-1N3892 Datasheet
243Kb / 1P
Fast Rectifier
1N4250 NJSEMI-1N4250 Datasheet
70Kb / 1P
FAST RECTIFIER
1N4534 NJSEMI-1N4534 Datasheet
78Kb / 1P
FAST RECTIFIER
1N4536 NJSEMI-1N4536 Datasheet
85Kb / 1P
FAST RECTIFIER
1N5190 NJSEMI-1N5190 Datasheet
125Kb / 1P
FAST RECTIFIER
logo
Solid States Devices, I...
RF0017 SSDI-RF0017_15 Datasheet
202Kb / 2P
FAST RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com