Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LXT975 Datasheet(PDF) 13 Page - Intel Corporation

Part # LXT975
Description  Fast Ethernet 10/100 Quad Transceivers
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

LXT975 Datasheet(HTML) 13 Page - Intel Corporation

Back Button LXT975 Datasheet HTML 9Page - Intel Corporation LXT975 Datasheet HTML 10Page - Intel Corporation LXT975 Datasheet HTML 11Page - Intel Corporation LXT975 Datasheet HTML 12Page - Intel Corporation LXT975 Datasheet HTML 13Page - Intel Corporation LXT975 Datasheet HTML 14Page - Intel Corporation LXT975 Datasheet HTML 15Page - Intel Corporation LXT975 Datasheet HTML 16Page - Intel Corporation LXT975 Datasheet HTML 17Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 74 page
background image
Fast Ethernet 10/100 Quad Transceivers — LXT974/LXT975
Datasheet
13
Table 4.
LXT975 Signal Detect/TP Select Signal Descriptions
Pin#2
Symbol
Type1
Signal Description
149
130
SD1/TP1
SD3/TP3
I
Signal Detect - Ports 1 & 3. When SD/TPn pins are tied High or to a 5V PECL input, bit
19.2 = 1 and the operating mode of each respective port is forced to FX mode. In this
mode, full-duplex is set via pin 117 (FDE_FX). When not using fiber mode, SD/TPn pins
should be tied to GNDT.
TP Select - Ports 1 & 3. When SD/TPn pins are tied Low, bit 19.2 = 0. The operating mode
of each port can be set to 10BASE-T, 100BASE-TX, or 100BASE-FX via the hardware
control interface pins as shown in Table 8 on page 16.
Note: Hardware control interface pins (CFG_0, CFG_1, CFG_2, FDE, BYPSCR, and
AUTOENA) are global and set all ports simultaneously.
In TP mode, network pins operate as described in Table 5.
In FX mode, network pins are re-mapped and operate as described in Table 6.
1. Type Column Coding: I = Input, O = Output.
2. When not using fiber mode, SD/TPn pins should be tied to GNDT.
Table 5.
LXT975 Twisted-Pair Interface Signal Descriptions
Pin#
Symbol
Type1
Signal Description
155, 152
145, 148
136, 133
126, 129
TPOP0, TPON0
TPOP1, TPON1
TPOP2, TPON2
TPOP3, TPON3
O
Twisted-Pair Outputs, Positive & Negative - Ports 0-3.
During 100BASE-TX or 10BASE-T operation, TPO pins drive 802.3 compliant
pulses onto the line.
158, 157
142, 143
139, 138
123, 124
TPIP0, TPIN0
TPIP1, TPIN1
TPIP2, TPIN2
TPIP3, TPIN3
I
Twisted-Pair Inputs, Positive & Negative - Ports 0-3.
During 100BASE-TX or 10BASE-T operation, TPI pins receive differential
100BASE-TX or 10BASE-T signals from the line.
1. Type Column Coding: I = Input, O = Output.
Table 6.
LXT975 Fiber Interface Signal Descriptions
Pin#
Symbol
Type1
Signal Description
145, 148
126, 129
FIBIN1, FIBIP1
FIBIN3, FIBIP3
I
Fiber Network Interface - Ports 1 and 3
During 100BASE-FX operation, FIBI pins receive differential PECL inputs
from fiber transceivers.
142, 143
123, 124
FIBOP1, FIBON1
FIBOP3, FIBON3
O
Fiber Network Interface - Ports 1 and 3
During 100BASE-FX operation, FIBO pins produce differential PECL
outputs for fiber transceivers.
1. Type Column Coding: I = Input, O = Output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com