Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA56004BDP Datasheet(PDF) 13 Page - NXP Semiconductors

Part # SA56004BDP
Description  1 Degrees Celcious accurate, SMBus-compatible, 8-pin, remote/local digital temperature sensor with over temperature alarms
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA56004BDP Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button SA56004BDP Datasheet HTML 9Page - NXP Semiconductors SA56004BDP Datasheet HTML 10Page - NXP Semiconductors SA56004BDP Datasheet HTML 11Page - NXP Semiconductors SA56004BDP Datasheet HTML 12Page - NXP Semiconductors SA56004BDP Datasheet HTML 13Page - NXP Semiconductors SA56004BDP Datasheet HTML 14Page - NXP Semiconductors SA56004BDP Datasheet HTML 15Page - NXP Semiconductors SA56004BDP Datasheet HTML 16Page - NXP Semiconductors SA56004BDP Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
Philips Semiconductors
Product data sheet
SA56004X
±1 °C accurate, SMBus-compatible, 8-pin, remote/local
digital temperature sensor with over temperature alarms
2004 Oct 06
13
Table 6. Status Register (SR) bit assignment
Read only address 02h
Bit
Name/Function
POR
state
7
BUSY
When ‘1’ A/D is busy converting.
n/a
6
LHIGH
When ‘1’ indicates Local HIGH temperature alarm.
0
5
LLOW
When ‘1’ indicates a Local LOW temperature alarm.
0
4
RHIGH
When ‘1’ indicates a Remote Diode HIGH
temperature alarm.
0
3
RLOW
When ‘1’ indicates a Remote Diode LOW
temperature alarm.
0
2
OPEN
When ‘1’ indicates a Remote Diode disconnect.
0
1
RCRIT
When ‘1’ indicates a Remote Diode Critical
Temperature alarm.
0
0
LCRIT
When ‘1’ indicates a Local Critical Temperature
alarm.
0
Conversion rate register
The conversion rate register is used to store programmable
conversion data, which defines the time interval between
conversions in the standard free-running auto convert mode. Table 7
shows all applicable data values and rates for the SA56004X. Only
the 4 LSBs of the register are used and the other bits are reserved
for future use. The register is R/W using the read address 04h and
write address 0Ah. The POR default conversion data is 08h.
Table 7. Conversion rate control byte (CR)
Data value
Conversion rate (Hz)
00h
0.06
01h
0.12
02h
0.25
03h
0.50
04h
1.0
05h
2
06h
4
07h
8
08h
16
09h
32
0Ah to FFh
n/a
Temperature limit registers
Table 8. Local and Remote HIGH Setpoint registers
(LHS, RHSHB, and RHSLB)
High Byte (Read only address 05h, 07h / Write address 0Bh, 0Dh)
Bit
D7
D6
D5
D4
D3
D2
D1
D0
Value
Sign
64
32
16
8
4
2
1
POR default = LHS = RHSHV = 46h (70
°C).
Low Byte (Read/Write address 13h)
Bit
D7
D6
D5
D4
D3
D2
D1
D0
Value
0.5
0.25
0.125
0
0
0
0
0
POR default RHSLB = 00h.
Table 9. Local and Remote LOW Setpoint registers
(LLS, RLSHB, and RLSLB)
High Byte (Read address 06h, 08h / Write address 0Ch, 0Eh)
Bit
D7
D6
D5
D4
D3
D2
D1
D0
Value
Sign
64
32
16
8
4
2
1
POR default LLS = RLSHB = 00h.
Low Byte (Read/Write address 14h)
Bit
D7
D6
D5
D4
D3
D2
D1
D0
Value
0.5
0.25
0.125
0
0
0
0
0
POR default RLSLB = 00h (0
°C).
Table 10. Local and Remote T_CRIT registers
(LCS and RCS)
Single High Byte (Read/Write address 20h, 19h)
Bit
D7
D6
D5
D4
D3
D2
D1
D0
Value
Sign
64
32
16
8
4
2
1
POR default LCS = RCS = 55h (85
°C).
Table 11. T_CRIT Hysteresis register (TH)
Single High Byte (Read and Write address 21h)
Bit
D7
D6
D5
D4
D3
D2
D1
D0
Value
–
–
–
16
8
4
2
1
POR default TH = 0Ah (10
°C).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com