Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA56004CDP Datasheet(PDF) 9 Page - NXP Semiconductors

Part # SA56004CDP
Description  1 Degrees Celcious accurate, SMBus-compatible, 8-pin, remote/local digital temperature sensor with over temperature alarms
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA56004CDP Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button SA56004CDP Datasheet HTML 5Page - NXP Semiconductors SA56004CDP Datasheet HTML 6Page - NXP Semiconductors SA56004CDP Datasheet HTML 7Page - NXP Semiconductors SA56004CDP Datasheet HTML 8Page - NXP Semiconductors SA56004CDP Datasheet HTML 9Page - NXP Semiconductors SA56004CDP Datasheet HTML 10Page - NXP Semiconductors SA56004CDP Datasheet HTML 11Page - NXP Semiconductors SA56004CDP Datasheet HTML 12Page - NXP Semiconductors SA56004CDP Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
Philips Semiconductors
Product data sheet
SA56004X
±1 °C accurate, SMBus-compatible, 8-pin, remote/local
digital temperature sensor with over temperature alarms
2004 Oct 06
9
BLOCK DIAGRAM
SMBus INTERFACE
11-BIT
Σ–∆
A–to–D
CONVERTER
LOCAL
TEMP
SENSOR
LOCAL
REMOTE
MUX
ONE-SHOT
REGISTER
CONVERSION
REGISTER
LOCAL TEMP
DATA REGISTER
REMOTE TEMP
DATA REGISTER
CONFIGURATION
REGISTER
LOCAL HIGH TEMP
THRESHOLD
LOCAL LOW TEMP
THRESHOLD
REMOTE HIGH
TEMP THRESHOLD
LOCAL TEMP HIGH
LIMIT REG
LOCAL TEMP LOW
LIMIT REGISTER
REMOTE TEMP
HIGH LIMIT REG
REMOTE TEMP
LOW LIMIT REG
REMOTE LOW
TEMP THRESHOLD
STATUS REGISTER
T_CRIT
INTERRUPT
COMMAND
REGISTER
ALERT
IINTERRUPT
OTP DEVICE
ADDRESS REGISTER
VDD
D+
D–
ALERT
T_CRIT
GND
SDATA
SCLK
REMOTE OFFSET
REGISTER
CONTROL
LOGIC
SL02015
T_CRIT
HYSTERESIS
SA56004X
Figure 12. Functional block diagram.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com