Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS04008PO-2-R Datasheet(PDF) 1 Page - PUI audio inc.

Part # AS04008PO-2-R
Description  40 x 28.3mm oval speaker with Nwodymium magnet for 84 dB sensitivity
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PUIAUDIO [PUI audio inc.]
Direct Link  http://www.puiaudio.com/
Logo PUIAUDIO - PUI audio inc.

AS04008PO-2-R Datasheet(HTML) 1 Page - PUI audio inc.

  AS04008PO-2-R Datasheet HTML 1Page - PUI audio inc. AS04008PO-2-R Datasheet HTML 2Page - PUI audio inc. AS04008PO-2-R Datasheet HTML 3Page - PUI audio inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
PUI Audio Inc. engages in continuous product improvement. All specifications are subject to change without notice. www.puiaudio.com. Copyright © 2015. Last Revised 12/15.
AS04008PO-2-R
40 x 28.3mm Speaker
Product Overview
W
Frequency Response (1W @ 0.5 meters)
3541 Stop Eight Road • Dayton, Ohio 45414


Similar Part No. - AS04008PO-2-R

ManufacturerPart #DatasheetDescription
logo
Projects Unlimited, Inc...
AS04008PO-2-R PUI-AS04008PO-2-R Datasheet
283Kb / 1P
Speaker
More results

Similar Description - AS04008PO-2-R

ManufacturerPart #DatasheetDescription
logo
PUI audio inc.
AS01308MR-R PUIAUDIO-AS01308MR-R Datasheet
291Kb / 3P
13mm diameter speaker with Neodymium magnet for 86 dB sensitivity
AS01808MR-R PUIAUDIO-AS01808MR-R Datasheet
454Kb / 3P
18mm diameter speaker with Neodymium magnet for 80 dB sensitivity
AS03608MR-4-R PUIAUDIO-AS03608MR-4-R Datasheet
536Kb / 3P
36mm diameter speaker with Nwodymium magnet for 85 dB sensitivity
AS04004PO-2-R PUIAUDIO-AS04004PO-2-R Datasheet
570Kb / 3P
40 x 28.5mm oval speaker with Neodymium magnet for 82 dB sensitivity
AS04004PO-2-WR-R PUIAUDIO-AS04004PO-2-WR-R Datasheet
471Kb / 3P
40 x 28.5mm oval speaker with Neodymium magnet for 82 dB sensitivity
AS04004PR-R PUIAUDIO-AS04004PR-R Datasheet
885Kb / 3P
40mm diameter speaker with Neodymium magnet for 86 dB sensitivity
AS04008CO-2-R PUIAUDIO-AS04008CO-2-R Datasheet
607Kb / 3P
40 x 20mm oval speaker with Neodymium magnet
AS04008CO-2-WR-R PUIAUDIO-AS04008CO-2-WR-R Datasheet
553Kb / 3P
40 x 20mm oval speaker with Neodymium magnet
AS04008PS-4W-R PUIAUDIO-AS04008PS-4W-R Datasheet
599Kb / 3P
40 x 20mm oval speaker with Neodymium magnet
AS04008PS-4W-WR-R PUIAUDIO-AS04008PS-4W-WR-R Datasheet
569Kb / 3P
40 x 20mm oval speaker with Neodymium magnet
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com