Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS05308AS-R Datasheet(PDF) 3 Page - PUI audio inc.

Part # AS05308AS-R
Description  Coated alloy cone for extended frequency response to 40 kHz
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PUIAUDIO [PUI audio inc.]
Direct Link  http://www.puiaudio.com/
Logo PUIAUDIO - PUI audio inc.

AS05308AS-R Datasheet(HTML) 3 Page - PUI audio inc.

  AS05308AS-R Datasheet HTML 1Page - PUI audio inc. AS05308AS-R Datasheet HTML 2Page - PUI audio inc. AS05308AS-R Datasheet HTML 3Page - PUI audio inc. AS05308AS-R Datasheet HTML 4Page - PUI audio inc. AS05308AS-R Datasheet HTML 5Page - PUI audio inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
This document contains data proprietary to PUI Audio Inc. Any use or reproduction, in any form, without prior written permission
of PUI Audio Inc. is prohibited.
©2018, PUI Audio Inc.
PUI Audio, Inc., 3541 Stop Eight Road, Dayton, OH 45414
Tel: (937) 415-5901 Fax: (937) 415-5925
Impedance Response
Reliability Testing
Type of Test
Test Specifications
High Temperature Test
96 hours at +60°C ± 3°C followed by three hours in
normal room temperature
Low Temperature Test
96 hours at -20°C ± 3°C followed by three hours in
normal room temperature
Humidity Test
96 hours at +40°C ± 3°C with relative humidity at
90%~95% followed by 6 hours in normal room
temperature
Temperature Cycle Testing
The part shall be subjected to 12 cycles using the
following procedure:
Low temperature: -20℃±3℃
High temperature:+60℃±3℃
Cycle: 2 hours at High, 5 minutes High to Low, 2
hours at Low, 5 minutes Low to High
Vibration Test
10 to 55 to 10 Hz sine sweep, per minute @
1.5mm amplitude
2 hours in each axis X, Y, and Z.
Load Test
White noise is applied at the speakers rated power
for 96 hours at room temperature
After each test, the speaker’s SPL shall be ±3 dB of the original SPL



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com