Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS06008PS-R Datasheet(PDF) 2 Page - PUI audio inc.

Part # AS06008PS-R
Description  ALL DIMENSIONS ARE IN MILLIMETERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PUIAUDIO [PUI audio inc.]
Direct Link  http://www.puiaudio.com/
Logo PUIAUDIO - PUI audio inc.

AS06008PS-R Datasheet(HTML) 2 Page - PUI audio inc.

  AS06008PS-R Datasheet HTML 1Page - PUI audio inc. AS06008PS-R Datasheet HTML 2Page - PUI audio inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
UNLESS OTHERWISE SPECIFIED:
ALL PURCHASES ARE SUBJECT TO THE PUI AUDIO
TERMS AND CONDITIONS SALE FOUND AT
http://www.puiaudio.com/pdf/terms_conditions.pdf
(paper copy available upon request).
DIMENSIONS ARE IN MILLIMETERS,TOLERANCES ARE
±0.5 AND ANGLES ARE ±3°.
p
• Unique design produces superior off-axis response for great coverage
• Even-hung motor design with high-energy magnet reduces distortion
• Flat design for an overall height that is less than 26mm
• Dual spiders for extreme power handling



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com