Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS06606SR-R Datasheet(PDF) 1 Page - PUI audio inc.

Part # AS06606SR-R
Description  Silk dome diaphragm
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PUIAUDIO [PUI audio inc.]
Direct Link  http://www.puiaudio.com/
Logo PUIAUDIO - PUI audio inc.

AS06606SR-R Datasheet(HTML) 1 Page - PUI audio inc.

  AS06606SR-R Datasheet HTML 1Page - PUI audio inc. AS06606SR-R Datasheet HTML 2Page - PUI audio inc. AS06606SR-R Datasheet HTML 3Page - PUI audio inc. AS06606SR-R Datasheet HTML 4Page - PUI audio inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
This document contains data proprietary to PUI Audio Inc. Any use or reproduction, in any form, without prior written permission
of PUI Audio Inc. is prohibited.
©2018, PUI Audio Inc.
PUI Audio, Inc., 3541 Stop Eight Road, Dayton, OH 45414
Tel: (937) 415-5901 Fax: (937) 415-5925
Data Sheet
AS06606SR-R
More than ever before, high quality audio is the determining factor that
distinguishes your product from the fray. When the sound quality of your
product is on the line, choose High Fidelity speakers from PUI Audio.
The AS06606SR-R is a small, high-output, silk dome tweeter designed for
frequencies above 2 kHz, allowing it to be used for siren applications and can
also be used in combination with other speakers for high fidelity applications.
Features:
•
Silk dome diaphragm
•
30W max power handling (with 18 dB/octave 2 kHz high-pass filter)
•
High-energy shielded motor design with large heatsink
•
Capable of over 100 dB of output at 1 meter
•
Three screw-hole mounting flange with waveguide
•
Amplifier-friendly 6 ohm impedance
Specifications
Parameters
Values
Units
Rated Input Power
15
Watts
Max Input Power
30
Watts
Impedance
6 ± 15%
Ohms
Sensitivity (SPL @ 1W/1m)
Average 3, 5, 10, 15 kHz
90 ± 3
dB
Resonant Frequency
1,800± 20%
Hz
Frequency Range
1,500 ~ 20,000
Hz
Frame Material
ABS
-
Magnet Material
NdFeB
-
Weight
63
Grams


Similar Part No. - AS06606SR-R

ManufacturerPart #DatasheetDescription
logo
PUI audio inc.
AS06608MR-LW152-R PUIAUDIO-AS06608MR-LW152-R Datasheet
290Kb / 1P
ALL DIMENSIONS ARE IN MILLIMETERS
logo
Projects Unlimited, Inc...
AS06608MR-R PUI-AS06608MR-R Datasheet
296Kb / 1P
Speaker
logo
PUI audio inc.
AS06608MR-R PUIAUDIO-AS06608MR-R Datasheet
274Kb / 1P
ALL DIMENSIONS ARE IN MILLIMETERS
logo
Projects Unlimited, Inc...
AS06608PS-2-R PUI-AS06608PS-2-R Datasheet
309Kb / 1P
Speaker
logo
PUI audio inc.
AS06608PS-2-R PUIAUDIO-AS06608PS-2-R Datasheet
280Kb / 1P
ALL DIMENSIONS ARE IN MILLIMETERS
More results

Similar Description - AS06606SR-R

ManufacturerPart #DatasheetDescription
logo
CUI INC
CEB-20FD64 CUI-CEB-20FD64 Datasheet
326Kb / 4P
piezo electric diaphragm
logo
CUI Devices
CEB-20D64 CUID-CEB-20D64 Datasheet
234Kb / 3P
PIEZOELECTRIC DIAPHRAGM
08/05/2022
CEB-20FD64 CUID-CEB-20FD64 Datasheet
240Kb / 3P
PIEZOELECTRIC DIAPHRAGM
08/05/2022
CEB-27D44 CUID-CEB-27D44 Datasheet
237Kb / 3P
PIEZOELECTRIC DIAPHRAGM
08/05/2022
CEB-44D06 CUID-CEB-44D06 Datasheet
236Kb / 3P
PIEZOELECTRIC DIAPHRAGM
08/05/2022
CPT-2064-L100 CUID-CPT-2064-L100 Datasheet
353Kb / 4P
PIEZOELECTRIC DIAPHRAGM
08/05/2022
CPT-2065-L100 CUID-CPT-2065-L100 Datasheet
311Kb / 4P
PIEZOELECTRIC DIAPHRAGM
08/05/2022
CPT-2745-L100 CUID-CPT-2745-L100 Datasheet
369Kb / 4P
PIEZOELECTRIC DIAPHRAGM
08/05/2022
CEB-35D26 CUID-CEB-35D26 Datasheet
396Kb / 3P
PIEZOELECTRIC DIAPHRAGM
08/05/2022
CPT-3529-L100 CUID-CPT-3529-L100 Datasheet
367Kb / 4P
PIEZOELECTRIC DIAPHRAGM
08/05/2022
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com