Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STL71 Datasheet(PDF) 2 Page - STMicroelectronics

Part # STL71
Description  MEDIUM VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL71 Datasheet(HTML) 2 Page - STMicroelectronics

  STL71 Datasheet HTML 1Page - STMicroelectronics STL71 Datasheet HTML 2Page - STMicroelectronics STL71 Datasheet HTML 3Page - STMicroelectronics STL71 Datasheet HTML 4Page - STMicroelectronics STL71 Datasheet HTML 5Page - STMicroelectronics STL71 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
STL71
2/6
Table 2: Absolute Maximum Ratings
Table 3: Thermal Data
Table 4: Electrical Characteristics (Tcase = 25 oC unless otherwise specified)
* Pulsed: Pulsed duration = 300 ms, duty cycle
≤ 1.5 %.
# The product is pre-selected in DC current gain (Group L and Group H). STMicroelectronics reserves the right to ship either groups accord-
ing to production availability. Please contact your nearest STMicrolectronics sales office for delivery datails.
Symbol
Parameter
Value
Unit
VCES
Collector-Emitter Voltage (VBE = 0)
700
V
VCEO
Collector-Emitter Voltage (IB = 0)
400
V
VEBO
Emitter-Base Voltage (IC = 0)
9V
IC
Collector Current
0.6
A
ICM
Collector Peak Current (tp < 5ms)
1.5
A
IB
Base Current
0.4
A
IBM
Base Peak Current (tp < 5ms)
0.75
A
Ptot
Total Dissipation at TC = 25 oC
0.95
W
Tstg
Storage Temperature
-65 to 150
°C
TJ
Max. Operating Junction Temperature
150
°C
Rthj-amb
Thermal Resistance Junction-Ambient
Max
131.6
oC/W
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
ICEV
Collector Cut-off Current
(VBE = -1.5 V)
VCE = 700 V
250
µA
IEBO
Emitter-Cut-off Current
(IC = 0 )
VEB = 9 V
1
mA
VCEO(sus)* Collector-Emitter
Sustaining Voltage
(IB = 0 )
IC = 1 mA
400
V
VCE(sat)* Collector-Emitter
Saturation Voltage
IC = 0.1 A
IB = 20 mA
IC = 0.2 A
IB = 40 mA
IC = 0.3 A
IB = 60 mA
0.15
0.2
0.4
0.4
0.5
1
V
V
V
VBE(sat)* Base-Emitter Saturation
Voltage
IC = 0.2 A
IB = 40 mA
0.8
1
V
hFE
DC Current Gain #
IC = 0.2 A
VCE = 5 V
Group L
Group H
IC = 0.6 A
VCE = 10 V
10
15
4
16
23
10
tf
INDUCTIVE LOAD
Fall Time
IC = 0.2
VClamp = 300 V
IB1 = -IB2 = 40 mA
L = 3mH
(see figure 3)
0.3
µs



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com