Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS08308CR-R Datasheet(PDF) 1 Page - PUI audio inc.

Part # AS08308CR-R
Description  Woven glass-fiber cone and rubber surround for weather resistance
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PUIAUDIO [PUI audio inc.]
Direct Link  http://www.puiaudio.com/
Logo PUIAUDIO - PUI audio inc.

AS08308CR-R Datasheet(HTML) 1 Page - PUI audio inc.

  AS08308CR-R Datasheet HTML 1Page - PUI audio inc. AS08308CR-R Datasheet HTML 2Page - PUI audio inc. AS08308CR-R Datasheet HTML 3Page - PUI audio inc. AS08308CR-R Datasheet HTML 4Page - PUI audio inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
This document contains data proprietary to PUI Audio Inc. Any use or reproduction, in any form, without prior written permission
of PUI Audio Inc. is prohibited.
©2017, PUI Audio Inc.
PUI Audio, Inc. A Projects Unlimited Company, 3541 Stop Eight Road, Dayton, OH 45414
Tel: (937) 415-5901 Fax: (937) 415-5925
Data Sheet
AS08308CR-R
More than ever before, high quality audio is the determining factor that
distinguishes your product from the fray. When the sound quality of your
product is on the line, choose High Fidelity speakers from PUI Audio.
The eight ohm 83mm AS08308CR-R speaker is designed for high fidelity audio
reproduction, high power handling, and features a magnetically shielded motor
to prevent stray magnetic fields—focusing the BL product on the voice coil.
Features:
•
Woven glass-fiber cone and rubber surround for weather resistance
•
15W max power handling
•
High-energy shielded motor design for maximum sensitivity
•
Capable of over 94 dB of output at 1 meter
•
Ultra-wide frequency response
Specifications
Parameters
Values
Units
Rated Input Power
7
Watts
Max Input Power
15
Watts
Impedance
8 ± 15%
Ohms
Sensitivity (SPL @ 1W/1m)
Average 0.5, 1.0, 2.0, 4.0 kHz
82 ± 3
dB
Resonant Frequency
109 ± 20%
Hz
Frequency Range (-10 dB)
70 ~ 20,000
Hz
Frame Material
Steel
-
Magnet Material
Dual Ferrite
-
Weight
280
Grams


Similar Part No. - AS08308CR-R

ManufacturerPart #DatasheetDescription
logo
PUI audio inc.
AS08304CR-R PUIAUDIO-AS08304CR-R Datasheet
932Kb / 4P
Woven glass-fiber cone and rubber surround for weather resistance
More results

Similar Description - AS08308CR-R

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
PW5111A-Z3 ROITHNER-PW5111A-Z3 Datasheet
161Kb / 1P
superior weather-resistance
logo
Laird Tech Smart Techno...
SLJ LSTD-SLJ Datasheet
118Kb / 2P
Good weather resistance
logo
PUI audio inc.
AS02504PR-N50-R PUIAUDIO-AS02504PR-N50-R Datasheet
616Kb / 5P
Paper cone and rubber surround
AS02704MS-N50-LW100-R PUIAUDIO-AS02704MS-N50-LW100-R Datasheet
519Kb / 5P
Polymer cone with rubber surround and PE gasket for dust and waterproofing to IP67
AS02804PR-N50-R PUIAUDIO-AS02804PR-N50-R Datasheet
562Kb / 5P
Paper cone and foam surround
AS03104MR-N50-R PUIAUDIO-AS03104MR-N50-R Datasheet
655Kb / 5P
Silver poly cone and foam surround
AS03604MR-N50-R PUIAUDIO-AS03604MR-N50-R Datasheet
806Kb / 5P
Black poly cone and rubber surround
AS04004MR-N50-R PUIAUDIO-AS04004MR-N50-R Datasheet
616Kb / 5P
Silver poly cone and rubber surround
AS04004MR-N50-WP-R PUIAUDIO-AS04004MR-N50-WP-R Datasheet
397Kb / 6P
Silver poly cone and rubber surround
AS08304CR-R PUIAUDIO-AS08304CR-R Datasheet
932Kb / 4P
Woven glass-fiber cone and rubber surround for weather resistance
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com