Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASE02506MS-LW90-DSM-R Datasheet(PDF) 1 Page - PUI audio inc.

Part # ASE02506MS-LW90-DSM-R
Description  Dynamic Speaker Management
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PUIAUDIO [PUI audio inc.]
Direct Link  http://www.puiaudio.com/
Logo PUIAUDIO - PUI audio inc.

ASE02506MS-LW90-DSM-R Datasheet(HTML) 1 Page - PUI audio inc.

  ASE02506MS-LW90-DSM-R Datasheet HTML 1Page - PUI audio inc. ASE02506MS-LW90-DSM-R Datasheet HTML 2Page - PUI audio inc. ASE02506MS-LW90-DSM-R Datasheet HTML 3Page - PUI audio inc. ASE02506MS-LW90-DSM-R Datasheet HTML 4Page - PUI audio inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
This document contains data proprietary to PUI Audio Inc. Any use or reproduction, in any form, without prior written permission
of PUI Audio Inc. is prohibited.
©2019, PUI Audio Inc.
PUI Audio, Inc., 3541 Stop Eight Road, Dayton, OH 45414
Tel: (937) 415-5901 Fax: (937) 415-5925
Data Sheet
ASE02506MS-LW90-DSM-R
PUI Audio’s ASE02506MS-LW90-DSM-R is a Dynamic Speaker Management (DSM)-Ready
micro speaker that has been pre-characterized for use with Maxim’s DSM smart amplifier
solution. This DSM-Ready micro speaker comes prepackaged in a compact enclosure enabling
easy system integration. This turnkey solution vastly increases the loudness (SPL) and bass
response safely and reliably within our strict speaker specifications.
Simply load the provided Vdrx, defined as the voltage required to reach maximum excursion,
into Maxim’s DSM Sound Studio GUI when setting the excursion limit in the “Characterize”
section of the GUI. You are now ready to start tuning! The DSM Sound Studio GUI allows you to
develop a complete register map to customize DSM for your design.
DSM-Ready speaker + DSM Smart Amplifier delivers the easiest and fastest path for designing
a high-performance speaker system in the shortest amount of time.
Specifications
Parameters
Values
Units
Rated Power Handling
1
Watts
Max Power Handling
1.2
Watts
Impedance @ 2 kHz
6 ± 15%
Ohms
Sensitivity (SPL @ 2.45V/10cm)
At 2 kHz in 1cc enclosure
93 ± 3
dB
Resonant Frequency
(free air / in 1.5cc enclosure)
550±10% / 750±10%
Hz
Frequency Range (-10 dB, without DSM)
650 ~ 20,000
Hz
Xmax (where BL product drops by 20%)
0.3
mm
Tmax (max voice coil temperature)
90
°C
Vdrx (based on Xmax set to 0.3mm)
3.65
V
Housing Material
ABS
-
Magnet Material
NdFeB
-
Polarity
With positive voltage applied to the
positive terminal, the diaphragm will
move outward
-
Storage Temperature
-40 ~ +85
°C
Operating Temperature
-20 ~ +70
°C
Weight
15
Grams
Ingress Protection Rating
IP67
-


Similar Part No. - ASE02506MS-LW90-DSM-R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ASE02008MR-LW150-R ETC2-ASE02008MR-LW150-R Datasheet
267Kb / 1P
ASE02008MR-LW150-R
logo
Projects Unlimited, Inc...
ASE02008MR-LW150-R PUI-ASE02008MR-LW150-R Datasheet
267Kb / 1P
RELEASED FROM ENGINEERING
logo
PUI audio inc.
ASE02008MR-LW150-R PUIAUDIO-ASE02008MR-LW150-R Datasheet
615Kb / 3P
20mm square speaker with 150mm lead wires for instant integration
logo
Vishay Siliconix
ASE0240 VISHAY-ASE0240 Datasheet
178Kb / 6P
Wirewound Resistors, Industrial Power, Silicone Coated, Adjustable Edgewound Tubular
03-Jun-16
logo
Projects Unlimited, Inc...
ASE02808MR-LW150-R PUI-ASE02808MR-LW150-R Datasheet
270Kb / 1P
RELEASED FROM ENGINEERING
More results

Similar Description - ASE02506MS-LW90-DSM-R

ManufacturerPart #DatasheetDescription
logo
Soberton Inc.
SP-1511S-4 SOBERTON-SP-1511S-4 Datasheet
346Kb / 5P
Dynamic Speaker
SP-1704 SOBERTON-SP-1704 Datasheet
284Kb / 5P
Dynamic Speaker
SP-1810 SOBERTON-SP-1810 Datasheet
291Kb / 5P
Dynamic Speaker
SP-2605 SOBERTON-SP-2605 Datasheet
429Kb / 5P
Dynamic Speaker
SP-2805 SOBERTON-SP-2805 Datasheet
293Kb / 5P
Dynamic Speaker
SP-7140-1 SOBERTON-SP-7140-1 Datasheet
561Kb / 6P
Dynamic Speaker
SP-7140-2 SOBERTON-SP-7140-2 Datasheet
515Kb / 6P
Dynamic Speaker
SP-6619 SOBERTON-SP-6619 Datasheet
432Kb / 6P
Dynamic Speaker
SP-1504 SOBERTON-SP-1504 Datasheet
374Kb / 5P
Dynamic Speaker
SP-1605 SOBERTON-SP-1605 Datasheet
215Kb / 5P
Dynamic Speaker
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com