Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTH2R06U Datasheet(PDF) 1 Page - STMicroelectronics

Part # STTH2R06U
Description  HIGH EFFICIENCY ULTRAFAST DIODE
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH2R06U Datasheet(HTML) 1 Page - STMicroelectronics

  STTH2R06U Datasheet HTML 1Page - STMicroelectronics STTH2R06U Datasheet HTML 2Page - STMicroelectronics STTH2R06U Datasheet HTML 3Page - STMicroelectronics STTH2R06U Datasheet HTML 4Page - STMicroelectronics STTH2R06U Datasheet HTML 5Page - STMicroelectronics STTH2R06U Datasheet HTML 6Page - STMicroelectronics STTH2R06U Datasheet HTML 7Page - STMicroelectronics STTH2R06U Datasheet HTML 8Page - STMicroelectronics STTH2R06U Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
®
1/9
Table 1: Main Product Characteristics
IF(AV)
2 A
VRRM
600 V
Tj
175°C
VF (typ)
1 V
trr (typ)
35 ns
STTH2R06
HIGH EFFICIENCY ULTRAFAST DIODE
Table 3: Absolute Ratings (limiting values)
Symbol
Parameter
Value
Unit
VRRM
Repetitive peak reverse voltage
600
V
IF(RMS) RMS forward voltage
7
A
IF(AV)
Average forward current
δ = 0.5
DO-41
TL = 70°C
2A
SMA
TL = 85°C
SMB
TL = 100°C
SMC
TL = 115°C
IFSM
Surge non repetitive forward current
DO-41
tp = 10ms
sinusoidal
40
A
SMA / SMB / SMC
30
Tstg
Storage temperature range
-65 to + 175
°C
Tj
Operating junction temperature range
-40 to + 175
°C
SMA
STTH2R06A
SMC
STTH2R06S
DO-41
STTH2R06
K
A
SMB
STTH2R06U
June 2005
REV. 2
FEATURES AND BENEFITS
■ Very low conduction losses
■ Negligible switching losses
■ Low forward and reverse recovery times
■ High junction temperature
DESCRIPTION
The STTH2R06 is using ST Turbo 2 600V planar
Pt doping technology. It is specially suited for
switching mode base drive & transistor circuits.
Packaged in axial, SMA, SMB and SMC, this de-
vice is intended for use in high frequency inverters,
free wheeling and polarity protection.
Table 2: Order Codes
Part Number
Marking
STTH2R06
STTH2R06
STTH2R06RL
STTH2R06
STTH2R06A
R6A
STTH2R06U
R6U
STTH2R06S
R62


Similar Part No. - STTH2R06U

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STTH2R06UFY STMICROELECTRONICS-STTH2R06UFY Datasheet
251Kb / 9P
Automotive 2 A - 600 V turbo 2 ultrafast rectifier
02-May-2022
More results

Similar Description - STTH2R06U

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STTH102 STMICROELECTRONICS-STTH102 Datasheet
106Kb / 7P
HIGH EFFICIENCY ULTRAFAST DIODE
21-Nov-2006
STTH152 STMICROELECTRONICS-STTH152 Datasheet
42Kb / 5P
HIGH EFFICIENCY ULTRAFAST DIODE
Nov-2001
STTH302 STMICROELECTRONICS-STTH302 Datasheet
43Kb / 5P
HIGH EFFICIENCY ULTRAFAST DIODE
Nov-2001
STTH3002 STMICROELECTRONICS-STTH3002 Datasheet
101Kb / 7P
HIGH EFFICIENCY ULTRAFAST DIODE
Feb-2004
STTH2L06 STMICROELECTRONICS-STTH2L06 Datasheet
86Kb / 8P
HIGH EFFICIENCY ULTRAFAST DIODE
07-Sep-2004
STTH3002C STMICROELECTRONICS-STTH3002C Datasheet
138Kb / 11P
High efficiency ultrafast diode
05-Apr-2006
BYT01-400 STMICROELECTRONICS-BYT01-400_01 Datasheet
47Kb / 5P
HIGH EFFICIENCY ULTRAFAST DIODE
Oct-2001
STTH1302CT STMICROELECTRONICS-STTH1302CT_03 Datasheet
116Kb / 7P
HIGH EFFICIENCY ULTRAFAST DIODE
Oct-2003
BYT01400 STMICROELECTRONICS-BYT01400 Datasheet
51Kb / 5P
HIGH EFFICIENCY ULTRAFAST DIODE
Oct-2001
BYT03-400 STMICROELECTRONICS-BYT03-400 Datasheet
53Kb / 5P
HIGH EFFICIENCY ULTRAFAST DIODE
Oct-2001
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com