Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KMD2ACB7BBDRN Datasheet(PDF) 1 Page - ZF Friedrichshafen AG

Part # KMD2ACB7BBDRN
Description  Sealed Rocker Switch
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZFSWITCHES [ZF Friedrichshafen AG]
Direct Link  https://switches-sensors.zf.com/
Logo ZFSWITCHES - ZF Friedrichshafen AG

KMD2ACB7BBDRN Datasheet(HTML) 1 Page - ZF Friedrichshafen AG

  KMD2ACB7BBDRN Datasheet HTML 1Page - ZF Friedrichshafen AG KMD2ACB7BBDRN Datasheet HTML 2Page - ZF Friedrichshafen AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.cherryswitches.com
Page 1 of 2, Last update 2015-04-08, Specifications subject to change without notice.
Sealed Rocker Switch
Single and Double Pole
KM Series
Features
•
Snap-in mounting
•
RoHS compliant
•
100,000 cycles mechanical life
•
IP56
•
Switches up to 20 A
•
Lighted and non-lighted versions available
Standard Parts
1
North America and Europe
KMD2AMB7BBBNR1
KMD2CNB1BBNNNN
KMD3CMB8BBBRG2
1The part number configuration matrix below provides details to the part numbers above.
For configurable part numbers that are not listed above, not listed in your region, or for custom part numbers, contact the factory or
your distributor.
Part Number Breakdown
KMD2AMB7BBBNR1
KM D 2 A M B
Series
Contact Rating
2
Circuitry
Switch Function
Lighting Options
Terminal Type
KM
D
2
Single pole
A
ON-OFF
N
Non-lighted
B
6.35 mm (0.250”)
quick connect
3
Double pole
B
ON-ON
C
28 VDC LED
C
ON-OFF-ON
M
14 VDC LED
D
(ON)-OFF
E
ON-(OFF)
F
ON-(ON)
H
ON-OFF-(ON)
J
(ON)-OFF-(ON)
2See Electrical Specifications section
7 B B B NR 1
Actuator Type
Actuator Color
Housing Color
Actuator Marking
Lens Colors (1, 2)
Number of LED
1
Non-lighted
B
Black
B
Black
B
Blank
A
Amber
N
None
7
Single light
D
O
––
G
Green
1
One
8
Dual lights
E
O I
L
Blue
2
Two
N
I O II
R
Red
W
White
N
None
Electrical Specifications


Similar Part No. - KMD2ACB7BBDRN

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
KMD2AMB7BBBNR1 CHERRY-KMD2AMB7BBBNR1 Datasheet
278Kb / 2P
Sealed Rocker Switch Single and Double Pole
More results

Similar Description - KMD2ACB7BBDRN

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
KCA2ANA1BBB CHERRY-KCA2ANA1BBB Datasheet
310Kb / 2P
Sealed Rocker Switch Single Pole
KDH3ANA1BBB CHERRY-KDH3ANA1BBB Datasheet
311Kb / 2P
Sealed Rocker Switch Double Pole
KRE2ANA1BBD CHERRY-KRE2ANA1BBD Datasheet
252Kb / 2P
Sealed Rocker Switch
KTG2ANB1BBDNNN CHERRY-KTG2ANB1BBDNNN Datasheet
298Kb / 2P
Sealed Rocker Switch Single Pole
logo
ZF Friedrichshafen AG
KCA2ALA2RBB ZFSWITCHES-KCA2ALA2RBB Datasheet
271Kb / 2P
Sealed Rocker Switch
KDH3ALA2RBB ZFSWITCHES-KDH3ALA2RBB Datasheet
272Kb / 2P
Sealed Rocker Switch
KGC2ANB1BBD ZFSWITCHES-KGC2ANB1BBD Datasheet
235Kb / 2P
Sealed Rocker Switch
KRE2ALA2GBB ZFSWITCHES-KRE2ALA2GBB Datasheet
208Kb / 2P
Sealed Rocker Switch
KSF2ANB1BBD ZFSWITCHES-KSF2ANB1BBD Datasheet
273Kb / 2P
Sealed Rocker Switch
KTG2AMB2BBBRN1 ZFSWITCHES-KTG2AMB2BBBRN1 Datasheet
256Kb / 2P
Sealed Rocker Switch
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com