Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DTC114T Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # DTC114T
Description  Bias Resistor Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

DTC114T Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  DTC114T Datasheet HTML 1Page - First Silicon Co., Ltd DTC114T Datasheet HTML 2Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NPN Silicon Surface Mount Transistor
with Monolithic Bias Resistor Network
This new series of digital transistors is designed to replace a single
device and its external resistor bias network. The BRT (Bias Resistor
Transistor) contains a single transistor with a monolithic bias network
resistor. The BRT eliminates these individual components by
integrating them into a single device. The use of a BRT can reduce
both system cost and board space.
• Simplifies Circuit Design
• Reduces Board Space and Component Count
Bias Resistor Transistor
SEMICONDUCTOR
TECHNICAL DATA
DTC114T
1
2
3
TO-92M
DIM MILLIMETERS
A
B
C
D
E
F
G
3.25 MAX
4.20 MAX
0.48 MAX
1.52 0.1
1.27
15.30 0.20
0.76
45
0.51 MAX
H
J
E
E
H
J
C
K
0.25
K
B
+
_
+
_
1. EMITTER(GND)
2. COLLECTOR(Output)
3. BASE(Input)
Absolute maximum ratings (Ta=25℃)
Parameter
Symbol
Value
Unit
Supply voltage
VCC
V
0
5
Input voltage
VIN
V
-5 ~30
IO
0
0
1
Output current
IC(MAX)
0
0
1
mA
Power dissipation
Pd
300
mW
Junction temperature
Tj
0
5
1
℃
Storage temperature
0
5
1
~
5
5
-
g
t
s
T
℃
2012.01. 16
1/2
Revision No : 0
R1
B : Base
C : Collector
E : Emitter
B
E
C
Parameter
Symbol
Test
conditions
Min
Typ
Max
Unit
Collector-base breakdown voltage
V(BR)CBO
Ic=50µA,IE=0
50
V
Collector-emitter breakdown voltage
V(BR)CEO
Ic=1mA,IB=0
50
V
Emitter-base breakdown voltage
V(BR)EBO
IE=50µA,IC=0
5
V
Collector cut-off current
ICBO
VCB=50V,IE=0
0.5
µA
Emitter cut-off current
IEBO
VEB=4V,IC=0
0.5
µA
DC current gain
hFE
VCE=5V,IC=1mA
100
300
600
Collector-emitter saturation voltage
VCE(sat)
IC=10mA,IB=1mA
0.3
V
Transition frequency
fT
VCE=10V,IE=-5mA, f=100MHz
250
MHz
Imput resistor
R1
7
10
13
KΩ
Electrical Characteristics(Ta=25℃ unless otherwise specified)


Similar Part No. - DTC114T

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
DTC114T ONSEMI-DTC114T Datasheet
151Kb / 12P
NPN SILICON BIAS RESISTOR TRANSISTOR
May, 2000 ??Rev. 0
logo
Rohm
DTC114T ROHM-DTC114T Datasheet
704Kb / 9P
DIGITAL TRANSISTOR
DTC114T ROHM-DTC114T Datasheet
878Kb / 3P
DTA/DTC SERIES
logo
Unisonic Technologies
DTC114T UTC-DTC114T Datasheet
194Kb / 3P
NPN DIGITAL TRANSISTOR NPN DIGITAL TRANSISTOR
DTC114T UTC-DTC114T Datasheet
167Kb / 3P
NPN DIGITAL TRANSISTOR
More results

Similar Description - DTC114T

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
MUN2211RT1 LRC-MUN2211RT1 Datasheet
328Kb / 8P
Bias Resistor Transistor
logo
ON Semiconductor
MUN5111T1 ONSEMI-MUN5111T1 Datasheet
132Kb / 12P
Bias Resistor Transistor
October, 2004 ??Rev. 7
MMUN2211LT1 ONSEMI-MMUN2211LT1 Datasheet
104Kb / 12P
Bias Resistor Transistor
May, 2004 ??Rev. 4
logo
E-Tech Electronics LTD
MMUN2211 ETL-MMUN2211 Datasheet
269Kb / 8P
Bias Resistor Transistor
logo
ON Semiconductor
MUN5111DW1T1 ONSEMI-MUN5111DW1T1_06 Datasheet
109Kb / 12P
Bias Resistor Transistor
February, 2006 ??Rev. 8
logo
Leshan Radio Company
LDTC123TLT1G LRC-LDTC123TLT1G Datasheet
217Kb / 3P
Bias Resistor Transistor
logo
Weitron Technology
MMUN2211 WEITRON-MMUN2211_07 Datasheet
470Kb / 10P
Bias Resistor Transistor
logo
Leshan Radio Company
LDTA123YET1G LRC-LDTA123YET1G_15 Datasheet
258Kb / 3P
Bias Resistor Transistor
LDTA124GET1G LRC-LDTA124GET1G_15 Datasheet
285Kb / 3P
Bias Resistor Transistor
LDTB113ZLT1G LRC-LDTB113ZLT1G_15 Datasheet
282Kb / 3P
Bias Resistor Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com