Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTH16L06CFP Datasheet(PDF) 7 Page - STMicroelectronics

Part # STTH16L06CFP
Description  TURBO 2 ULTRAFAST HIGH VOLTAGE RECTIFIER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH16L06CFP Datasheet(HTML) 7 Page - STMicroelectronics

  STTH16L06CFP Datasheet HTML 1Page - STMicroelectronics STTH16L06CFP Datasheet HTML 2Page - STMicroelectronics STTH16L06CFP Datasheet HTML 3Page - STMicroelectronics STTH16L06CFP Datasheet HTML 4Page - STMicroelectronics STTH16L06CFP Datasheet HTML 5Page - STMicroelectronics STTH16L06CFP Datasheet HTML 6Page - STMicroelectronics STTH16L06CFP Datasheet HTML 7Page - STMicroelectronics STTH16L06CFP Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
STTH16L06C
7/8
Figure 17: TO-220FPAB Package Mechanical Data
H
L3
L2
L4
L6
G
G1
F
F1
L5
D
E
L7
A
B
Dia
F2
Table 7: Ordering Information
■ Epoxy meets UL94, V0
■ Cooling method: by conduction (C)
■ Recommended torque value: 0.8 m.N. (TO-220FPAB) / 0.55 m.N. (TO-220AB)
■ Maximum torque value: 1.0 m.N. (TO-220FPAB) / 0.70 m.N. (TO-220AB)
Ordering type
Marking
Package
Weight
Base qty
Delivery mode
STTH16L06CT
STTH16L06CT
TO-220AB
2.23 g
50
Tube
STTH16L06CG
STTH16L06CG
D2PAK
1.48 g
50
Tube
STTH16L06CG-TR
STTH16L06CG
D2PAK
1.48 g
1000
Tape & eel
STTH16L06CFP
STTH16L06CFP
TO-220FPAB
1.70 g
50
Tube
REF.
DIMENSIONS
Millimeters
Inches
Min.
Max.
Min.
Max.
A
4.4
4.6
0.173
0.181
B
2.5
2.7
0.098
0.106
D
2.5
2.75
0.098
0.108
E
0.45
0.7
0.018
0.027
F
0.75
1
0.03
0.039
F1
1.15
1.7
0.045
0.067
F2
1.15
1.7
0.045
0.067
G
4.95
5.2
0.195
0.205
G1
2.4
2.7
0.094
0.106
H
10
10.4
0.393
0.409
L2
16
Typ.
0.63
Typ.
L3
28.6
30.6
1.126
1.205
L4
9.8
10.6
0.386
0.417
L5
2.9
3.6
0.114
0.142
L6
15.9
16.4
0.626
0.646
L7
9
9.3
0.354
0.366
Dia.
3
3.2
0.118
0.126
Table 8: Revision History
Date
Revision
Description of Changes
07-Sep-2004
1
First issue



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com