Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTH16L06CG Datasheet(PDF) 1 Page - STMicroelectronics

Part # STTH16L06CG
Description  TURBO 2 ULTRAFAST HIGH VOLTAGE RECTIFIER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH16L06CG Datasheet(HTML) 1 Page - STMicroelectronics

  STTH16L06CG Datasheet HTML 1Page - STMicroelectronics STTH16L06CG Datasheet HTML 2Page - STMicroelectronics STTH16L06CG Datasheet HTML 3Page - STMicroelectronics STTH16L06CG Datasheet HTML 4Page - STMicroelectronics STTH16L06CG Datasheet HTML 5Page - STMicroelectronics STTH16L06CG Datasheet HTML 6Page - STMicroelectronics STTH16L06CG Datasheet HTML 7Page - STMicroelectronics STTH16L06CG Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
®
1/8
Table 1: Main Product Characteristics
IF(AV)
Up to 2 x 10 A
VRRM
600 V
Tj
175°C
VF (typ)
1.05 V
trr (max)
35 ns
STTH16L06C
TURBO 2 ULTRAFAST HIGH VOLTAGE RECTIFIER
Table 3: Absolute Ratings (limiting values, per diode)
Symbol
Parameter
Value
Unit
VRRM
Repetitive peak reverse voltage
600
V
IF(RMS) RMS forward voltage
30
A
IF(AV)
Average forward
current
δ = 0.5
TO-220AB / D2PAK
Tc = 140°C
Tc = 135°C
Tc = 130°C
Tc = 120°C
Per diode
Per device
Per diode
Per device
8
16
10
20
A
TO-220FPAB
Tc = 110°C
Tc = 80°C
Per diode
Per device
8
16
IFSM
Surge non repetitive forward current
tp = 10ms sinusoidal
90
A
Tstg
Storage temperature range
-65 to + 175
°C
Tj
Maximum operating junction temperature
175
°C
K
A2
A1
TO-220AB
STTH16L06CT
K
A2
A1
TO-220FPAB
STTH16L06CFP
K
A2
A1
D2PAK
STTH16L06CG
K
A1
A2
September 2004
REV. 1
FEATURES AND BENEFITS
■
Ultrafast switching
■
Low reverse recovery current
■
Low thermal resistance
■
Reduces switching & conduction losses
DESCRIPTION
The STTH16L06, which is using ST Turbo 2 600V
technology, is specially suited for use in switching
power supplies, and industrial applications, as
rectification and discontinuous mode PFC boost
diode.
Table 2: Order Codes
Part Number
Marking
STTH16L06CT
STTH16L06CT
STTH16L06CFP
STTH16L06CFP
.
Part Number
Marking
STTH16L06CG
STTH16L06CG
STTH16L06GG-TR
STTH16L06CG


Similar Part No. - STTH16L06CG

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
STTH16L06CG ISC-STTH16L06CG Datasheet
365Kb / 2P
Ultra fast Rectifier
logo
STMicroelectronics
STTH16L06CGY-TR STMICROELECTRONICS-STTH16L06CGY-TR Datasheet
460Kb / 12P
Automotive Turbo 2 ultrafast high voltage rectifier
20-Sep-2017
More results

Similar Description - STTH16L06CG

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STTH1L06 STMICROELECTRONICS-STTH1L06 Datasheet
81Kb / 8P
TURBO 2 ULTRAFAST HIGH VOLTAGE RECTIFIER
Jul-2002
STTH5R06D STMICROELECTRONICS-STTH5R06D Datasheet
135Kb / 8P
TURBO 2 ULTRAFAST HIGH VOLTAGE RECTIFIER
Oct-2002
STTH60L06 STMICROELECTRONICS-STTH60L06 Datasheet
71Kb / 6P
TURBO 2 ULTRAFAST HIGH VOLTAGE RECTIFIER
10-Sep-2004
STTH506 STMICROELECTRONICS-STTH506 Datasheet
128Kb / 9P
Turbo 2 ultrafast - high voltage rectifier
18-May-2006
STTH8L06 STMICROELECTRONICS-STTH8L06_06 Datasheet
156Kb / 10P
Turbo 2 ultrafast high voltage rectifier
10-Aug-2006
STTH8R06 STMICROELECTRONICS-STTH8R06 Datasheet
173Kb / 12P
Turbo 2 ultrafast high voltage rectifier
10-Aug-2006
STTH8006 STMICROELECTRONICS-STTH8006 Datasheet
88Kb / 6P
Turbo 2 ultrafast high voltage rectifier
15-Dec-2006
STTH8S06 STMICROELECTRONICS-STTH8S06 Datasheet
100Kb / 8P
Turbo 2 ultrafast high voltage rectifier
18-Dec-2007
STTH8R06 STMICROELECTRONICS-STTH8R06_08 Datasheet
172Kb / 12P
Turbo 2 ultrafast high voltage rectifier
16-Apr-2008
STTH50W06S STMICROELECTRONICS-STTH50W06S Datasheet
87Kb / 8P
Turbo 2 ultrafast high voltage rectifier
05-Oct-2012
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com