Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DG201HS Datasheet(PDF) 6 Page - TEMIC Semiconductors

Part # DG201HS
Description  High-Speed Quad SPST CMOS Analog Switch
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMIC [TEMIC Semiconductors]
Direct Link  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors

DG201HS Datasheet(HTML) 6 Page - TEMIC Semiconductors

  DG201HS Datasheet HTML 1Page - TEMIC Semiconductors DG201HS Datasheet HTML 2Page - TEMIC Semiconductors DG201HS Datasheet HTML 3Page - TEMIC Semiconductors DG201HS Datasheet HTML 4Page - TEMIC Semiconductors DG201HS Datasheet HTML 5Page - TEMIC Semiconductors DG201HS Datasheet HTML 6Page - TEMIC Semiconductors DG201HS Datasheet HTML 7Page - TEMIC Semiconductors DG201HS Datasheet HTML 8Page - TEMIC Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
DG201HS
6
Siliconix
E-77071—Rev. E, 01-Sep-97
Typical Characteristics (Cont’d)
–55
–25
0
25
50
75
100
125
20
25
30
35
40
45
Temperature (
_C)
Switching Times vs. Temperature
tON
tOFF
V+ = 15 V
V– = –15 V
4
6
8
1012
1416
1820
30
35
40
45
50
55
60
65
V+ – Positive Supply (V)
Switching Times vs. Single Supply Voltage
tON
tOFF
–55
–25
0
25
50
75
100
125
20
25
30
35
40
45
50
Temperature (
_C)
Switching Times vs. Temperature
V+ = 10.8 V
V– = 0 V
–15
–10
–5
0
5
10
15
–40
–30
–20
–10
0
10
20
VS – Source Voltage (V)
V+ = 15 V, V– = 0 V
V+ = 15 V
V– = –15 V
Charge Injection vs. Source Voltage
10 k
100 k
1 M
10 M
40
50
60
70
80
90
100
110
120
f – Frequency (Hz)
Off Isolation vs. Frequency
RL = 100 W
V+ = 15 V
V– = –15 V
RL = 1 kW
tON
tOFF



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com