Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HB28K032MM3 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # HB28K032MM3
Description  MultiMediaCard 32 MByte/64 MByte/128 MByte/256 MByte/512 MByte
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HB28K032MM3 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button HB28K032MM3 Datasheet HTML 9Page - Renesas Technology Corp HB28K032MM3 Datasheet HTML 10Page - Renesas Technology Corp HB28K032MM3 Datasheet HTML 11Page - Renesas Technology Corp HB28K032MM3 Datasheet HTML 12Page - Renesas Technology Corp HB28K032MM3 Datasheet HTML 13Page - Renesas Technology Corp HB28K032MM3 Datasheet HTML 14Page - Renesas Technology Corp HB28K032MM3 Datasheet HTML 15Page - Renesas Technology Corp HB28K032MM3 Datasheet HTML 16Page - Renesas Technology Corp HB28K032MM3 Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 91 page
background image
HB28K032/L064/J128/J256/J512MM3, HB28K032/L064/J128/J256RM3
Rev.0.02, Sep.15.2004, page 13 of 89
• SPEC_VERS
Defines the Spec version supported by the card. It includes the commands set definition and the definition
of the card responses. The card identification procedure is compatible for all spec versions!
SPEC Version
SPEC_VERS
System specification version number
“0011”
System specification version 3.3
The Spec version of these Renesas MultiMediaCards is related to the “MultiMediaCard system
specification, Version 3.3”. The parameter SPEC_VERS has permanently the value “0011”.
• TAAC
Defines the asynchronous data access time:
TAAC Access Time Definition
TAAC bit
Description
Values
2:0
Time exponent
0 = 1 ns, 1 = 10 ns, 2 = 100 ns, 3 = 1
µs, 4 = 10 µs,
5 = 100
µs, 6 = 1 ms, 7 = 10 ms
6:3
Time mantissa
0 = reserved, 1 = 1.0, 2 = 1.2, 3 = 1.3, 4 = 1.5,
5 = 2.0, 6 = 2.5, 7 = 3.0, 8 = 3.5, 9 = 4.0, A = 4.5,
B = 5.0, C = 5.5, D = 6.0, E = 7.0, F = 8.0
7
Reserved
Always ‘0’
The value for the asynchronous delay for these Renesas MultiMediaCards is 1 ms. The coded TAAC value
is 0x0E (= 1 ms). For more details refer to Chapter “Operating Characteristics”.
• NSAC
Defines the worst case for the synchronous data access time. The unit for NSAC is 100-clock cycles.
Therefore, maximum value for the data access time is 25.6k clock cycles. The total access time N
AC as
expressed in the Table “Timing Values” is the sum of both TAAC and NSAC. It has to be computed by
the host for the actual clock rate. The read access time should be interpreted as a typical delay for the first
data bit of a data block or stream. The value of NSAC for these Renesas MultiMediaCards is 0x01 (100-
clock cycles). For more details refer to Chapter “Operating Characteristics”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com