Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DG201HSDQ Datasheet(PDF) 2 Page - TEMIC Semiconductors

Part # DG201HSDQ
Description  High-Speed Quad SPST CMOS Analog Switch
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMIC [TEMIC Semiconductors]
Direct Link  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors

DG201HSDQ Datasheet(HTML) 2 Page - TEMIC Semiconductors

  DG201HSDQ Datasheet HTML 1Page - TEMIC Semiconductors DG201HSDQ Datasheet HTML 2Page - TEMIC Semiconductors DG201HSDQ Datasheet HTML 3Page - TEMIC Semiconductors DG201HSDQ Datasheet HTML 4Page - TEMIC Semiconductors DG201HSDQ Datasheet HTML 5Page - TEMIC Semiconductors DG201HSDQ Datasheet HTML 6Page - TEMIC Semiconductors DG201HSDQ Datasheet HTML 7Page - TEMIC Semiconductors DG201HSDQ Datasheet HTML 8Page - TEMIC Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
DG201HS
2
Siliconix
E-77071—Rev. E, 01-Sep-97
Ordering Information
Temp Range
Package
Part Number
16-Pin Plastic DIP
DG201HSDJ
–40 to 85
_C
16-Pin Narrow SOIC
DG201HSDY
16-Pin TSSOP
DG201HSDQ
–55 to 125
_C
16-Pin CerDIP
DG201HSAK/883
–55 to 125
_C
LCC-20
DG201HSAZ/883
Absolute Maximum Ratings
V+ to V–
44 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
GND to V–
25 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Digital Inputsa VS, VD
(V–) –4 V to (V+) +4 V
. . . . . . . . . . . . . . . . . .
or 30 mA, whichever occurs first
Continuous Current (Any Terminal)
30 mA
. . . . . . . . . . . . . . . . . . . . .
Current, S or D (Pulsed 1 ms, 10% duty cycle)
100 mA
. . . . . . . . . . . .
Storage Temperature
(A Suffix)
–65 to 150
_C
. . . . . . . . . . . . .
(D Suffix)
–65 to 125
_C
. . . . . . . . . . . . .
Power Dissipation (Package)b
16-Pin Plastic DIPc
470 mW
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
16-Pin CerDIPd
900 mW
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
16-Pin Narrow Body SOIC and TSSOPe
600 mW
. . . . . . . . . . . . . . . .
LCC-20d
900 mW
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Notes:
a.
Signals on SX, DX, or INX exceeding V+ or V– will be clamped
by internal diodes. Limit forward diode current to maximum
current ratings.
b.
All leads welded or soldered to PC board.
c.
Derate 6 mW/
_C above 75_C.
d.
Derate 12 mW/
_C above 75_C.
e.
Derate 7.6 mW/
_C above 75_C.
Schematic Diagram (Typical Channel)
Figure 1.
GND
V–
DX
SX
V+
5 V
Reg
V+
INX
V–
Level
Shift/
Drive



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com