Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SML312ECT Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # SML312ECT
Description  LEDs, Surface Mount
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SML312ECT Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  SML312ECT Datasheet HTML 1Page - List of Unclassifed Manufacturers SML312ECT Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
LEDs, Surface Mount
01945 47 47 47
sales@angliac.com
01945 47 48 49
www.angliac.com
OPTOELECTRONICS
458
Typ. Luminous
Case &
Peak
Intensity
Manf. Part No.
Viewing
Emitted
Lens
Wavelength
(IF = 20mA)
&
Angle
Colour
Colour
nm
mcd
Order Code
NORMAL BRIGHTNESS
Red
white-diffused
660
17
TOL1608MR
Orange
white-diffused
610
6
TOL1608MO
Yellow
white-diffused
585
7
TOL1608MY
Green
white-diffused
568
10
TOL1608MG
HIGH BRIGHTNESS
Red
white-diffused
632
45
TOL1608MRB
Orange
white-diffused
611
45
TOL1608MOB
Yellow
white-diffused
593
45
TOL1608MYB
Green
white-diffused
570
30
TOL1608MGB
CHIP - standard
Dimensions (mm)
A range of surface mount, chip LEDs with a white diffused lens, available in three industry standard sizes. Suitable for many applications
including LCD/keypad backlighting, dot matrix displays and panel illumination. Supplied taped and reeled.
1.6
0.8
1.0
0.8
0.3
1.0
0.3
CATHODE
Typ. Luminous
Case &
Peak
Intensity
Manf. Part No.
Viewing
Emitted
Lens
Wavelength
(IF = 20mA)
&
Angle
Colour
Colour
nm
mcd
Order Code
NORMAL BRIGHTNESS
Red
white-diffused
660
17
TOL2012MR
Orange
white-diffused
610
6
TOL2012MO
Yellow
white-diffused
585
7
TOL2012MY
Green
white-diffused
568
10
TOL2012MG
HIGH BRIGHTNESS
Red
white-diffused
632
45
TOL2012MRB
Orange
white-diffused
611
45
TOL2012MOB
Yellow
white-diffused
593
45
TOL2012MYB
Green
white-diffused
570
30
TOL2012MGB
Dimensions (mm)
2.0
1.25
1.4
0.8
0.3
1.2
0.4
CATHODE
Typ. Luminous
Case &
Peak
Intensity
Manf. Part No.
Viewing
Emitted
Lens
Wavelength
(IF = 20mA)
&
Angle
Colour
Colour
nm
mcd
Order Code
NORMAL BRIGHTNESS
Red
white-diffused
660
17
TOL3216MR
Orange
white-diffused
610
6
TOL3216MO
Yellow
white-diffused
585
7
TOL3216MY
Green
white-diffused
568
10
TOL3216MG
HIGH BRIGHTNESS
Red
white-diffused
632
45
TOL3216MRB
Orange
white-diffused
611
45
TOL3216MOB
Yellow
white-diffused
593
45
TOL3216MYB
Green
white-diffused
570
30
TOL3216MGB
Dimensions (mm)
3.2
1.6
2.0
1.1
0.5
2.2
0.5
CATHODE
NOTE! – Polarity is reversed for TOL1608MR
NOTE! – Polarity is reversed for TOL2012MR
NOTE! – Polarity is reversed for TOL3216MR
Viewing angle 170°
0603 Chip
0805 Chip
1206 Chip
Viewing angle 170°
Viewing angle 170°
Packaging
TAPE : 8mm wide, 4mm pitch
REEL : 178mm dia.
For the very latest information and news on the full range of TITAN OPTO
products available from Anglia, visit our website :
www.angliac.com/titan-opto
Alternatively, contact our Sales Desk to discuss your specific requirements
.


Similar Part No. - SML312ECT

ManufacturerPart #DatasheetDescription
logo
Rohm
SML312ECT ROHM-SML312ECT Datasheet
221Kb / 3P
High Brightness Type Mini-molded chip LEDs
SML312ECT ROHM-SML312ECT Datasheet
1Mb / 4P
Abundant color variations with diverse luminous intensity types
SML312ECT ROHM-SML312ECT Datasheet
1Mb / 4P
1608 standard size(1.6횞0.8mm, t=0.8mm)
SML312ECT ROHM-SML312ECT Datasheet
1Mb / 4P
1608 standard size(1.6x0.8mm, t=0.8mm)
SML312ECT ROHM-SML312ECT Datasheet
1Mb / 4P
1608 standard size(1.6횞0.8mm, t=0.8mm)
More results

Similar Description - SML312ECT

ManufacturerPart #DatasheetDescription
logo
Unity Opto Technology
MSL-154B UOT-MSL-154B Datasheet
33Kb / 2P
Surface Mount Chip LEDs
MSL-154HG UOT-MSL-154HG Datasheet
33Kb / 2P
Surface Mount Chip LEDs
MSL-154SG UOT-MSL-154SG Datasheet
34Kb / 2P
Surface Mount Chip LEDs
MSL-154SO UOT-MSL-154SO Datasheet
33Kb / 2P
Surface Mount Chip LEDs
MSL-154UYL UOT-MSL-154UYL Datasheet
33Kb / 2P
Surface Mount Chip LEDs
MSL-154Y UOT-MSL-154Y Datasheet
34Kb / 2P
Surface Mount Chip LEDs
MSL-174DR UOT-MSL-174DR Datasheet
34Kb / 2P
Surface Mount Chip LEDs
logo
Panasonic Semiconductor
LNJ319G9TRA PANASONIC-LNJ319G9TRA Datasheet
109Kb / 3P
Surface Mount LEDs
logo
Chicago Miniature Lamp,...
7020X CML-7020X Datasheet
74Kb / 1P
Surface Mount LEDs
logo
Visual Communications C...
7020X VCC-7020X Datasheet
651Kb / 1P
Surface Mount LEDs
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com