Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BT153 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # BT153
Description  isc Thyristors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

BT153 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  BT153 Datasheet HTML 1Page - Inchange Semiconductor Company Limited BT153 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
isc website:www.iscsemi.com
isc & iscsemi is registered trademark
isc Thyristors
BT153
APPLICATIONS
·
It is suitable to fit all modes of control found in applications
such as overvoltage crowbar protection,motor control circuits
in power tools and kitchen aids,in-rush current limiting circuits,
. capacitive discharge ignition, voltage regulation circuits etc.
·
Minimum Lot-to-Lot variations for robust device performance
and reliable operation
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
MIN
UNIT
VDRM
Repetitive peak off-state voltage
800
V
VRRM
Repetitive peak reverse voltage
800
V
IT(RMS)
RMS on-state current
16
A
ITSM
Surge non-repetitive on-state current @f=50Hz, t=20ms
160
A
PG(AV)
Average gate power dissipation
1
W
Tj
Operating junction temperature
-40~125
℃
Tstg
Storage temperature
-40~150
℃
ELECTRICAL CHARACTERISTICS (TC=25℃ unless otherwise specified)
SYMBOL
PARAMETER
CONDITIONS
MIN
MAX
UNIT
IRRM
Repetitive peak reverse current
VRM=VRRM,RGK= 220Ω,
Tj=25℃
5
μ
A
Tj=125℃
1
mA
IDRM
Repetitive peak off-state current
VDM=VDRM, ,RGK= 220Ω
Tj=25℃
5
μ
A
Tj=125℃
1
mA
VTM
On-state voltage
ITM= 40A
1.5
V
IGT
Gate-trigger current
VD = 12 V; RL=100Ω
30
mA
VGT
Gate-trigger voltage
VD = 12 V; RL=100Ω
1.5
V
IH
Holding current
IT=0.5A
30
mA
Rth(j-c)
Thermal resistance
Junction to case
1.25
℃
/W


Similar Part No. - BT153

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
BT153 LUGUANG-BT153 Datasheet
2Mb / 5P
25A Silicon Controlled Rectifiers
Revision:20240716-P1
BT153-600 LUGUANG-BT153-600 Datasheet
2Mb / 5P
25A Silicon Controlled Rectifiers
Revision:20240716-P1
BT153-800 LUGUANG-BT153-800 Datasheet
2Mb / 5P
25A Silicon Controlled Rectifiers
Revision:20240716-P1
logo
Tyco Electronics
BT1532004 MACOM-BT1532004 Datasheet
87Kb / 1P
15/32-32 TOGGLE SWITCH BOOT SEAL
logo
WeEn Semiconductors
BT153B-1200T-A WEEN-BT153B-1200T-A Datasheet
462Kb / 11P
Automotive Grade SCR
More results

Similar Description - BT153

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
TIC126D ISC-TIC126D Datasheet
99Kb / 1P
isc Thyristors
2P4M-D ISC-2P4M-D Datasheet
265Kb / 2P
isc Thyristors
BTA208S-600D ISC-BTA208S-600D Datasheet
222Kb / 1P
isc Thyristors
2N6348 ISC-2N6348 Datasheet
202Kb / 2P
isc Thyristors
MCR310-10G ISC-MCR310-10G Datasheet
171Kb / 1P
isc Thyristors
T1610-800G-TR ISC-T1610-800G-TR Datasheet
172Kb / 1P
isc Thyristors
BCR8PM-12LG ISC-BCR8PM-12LG Datasheet
172Kb / 1P
isc Thyristors
BCR12PM-12LG ISC-BCR12PM-12LG Datasheet
171Kb / 1P
isc Thyristors
BT150SK-600R ISC-BT150SK-600R_V01 Datasheet
297Kb / 2P
isc Thyristors
16TTS12 ISC-16TTS12 Datasheet
222Kb / 2P
isc Thyristors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com