Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FAC1482F Datasheet(PDF) 12 Page - First Silicon Co., Ltd

Part # FAC1482F
Description  2A , 23V Synchronus Rectified Step Down Converter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FAC1482F Datasheet(HTML) 12 Page - First Silicon Co., Ltd

Back Button FAC1482F Datasheet HTML 5Page - First Silicon Co., Ltd FAC1482F Datasheet HTML 6Page - First Silicon Co., Ltd FAC1482F Datasheet HTML 7Page - First Silicon Co., Ltd FAC1482F Datasheet HTML 8Page - First Silicon Co., Ltd FAC1482F Datasheet HTML 9Page - First Silicon Co., Ltd FAC1482F Datasheet HTML 10Page - First Silicon Co., Ltd FAC1482F Datasheet HTML 11Page - First Silicon Co., Ltd FAC1482F Datasheet HTML 12Page - First Silicon Co., Ltd FAC1482F Datasheet HTML 13Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
FAC1482F
2012.03.26
12/13
Revision No : 0
The system has one zero of importance, due to the
compensation capacitor (C3) and the compensation
resistor (R3). This zero is located at:
The system may have another zero of importance, if
the output capacitor has a large capacitance and/or a
high ESR value. The zero,due to the ESR and
capacitance of the output capacitor, is located at:
In this case (as shown in Figure 14), a third pole set by
the compensation capacitor (C6) and the
compensation resistor (R3) is used to compensate the
effect of the ESR zero on the loop gain. This pole is
located at:
The goal of compensation design is to shape the
converter transfer function to get a desired loop gain.
The system crossover frequency where the feedback
loop has the unity gain is important. Lower crossover
frequencies result in slower line and load transient
responses,while higher crossover frequencies could
cause system instability. A good rule of thumb is to set
the crossover frequency below one-tenth of the
switching frequency.
To optimize the compensation components, the
following procedure can be used.
1. Choose the compensation resistor (R3) to set the
desired crossover frequency.
Determine the R3 value by the following equation:
Where fC is the desired crossover frequency which is
typically below one tenth of the switching frequency.
2. Choose the compensation capacitor (C3) to achieve
the desired phase margin. For applications with typical
inductor values, setting the compensation zero, fZ1,
below one-forth of the crossover frequency provides
sufficient phase margin.
Determine the C3 value by the following equation:
Where R3 is the compensation resistor.
External Bootstrap Diode
An external bootstrap diode may enhance the
efficiency of the regulator, the applicable
conditions of external BST diode are:
VOUT = 5V or 3.3V; and
Duty cycle is high:
In these cases, an external BST diode is
recommended from the output of the voltage regulator
to BST pin, as shown in Fig.14
Figure14.Add Optional External Bootstrap Diode to Enhance
Ef�iciency
The recommended external BST diode is IN4148, and
the BST cap is 0.1~1μF.
fZ1 =
2∏*C3*R3
1
fESR =
2∏*C2*RESR
1
fP3 =
2∏*C6*R3
1
FAC1482F
R3 =
GEA * GCS
2∏*C2*fc
ⅹ
VFB
Vout
ⅹ
GEA * GCS
2∏*C2*0.1*fs
VFB
Vout
<
3. Determine if the second compensation capacitor
(C6) is required. It is required if the ESR zero of the
output capacitor is located at less than half of the
switching frequency, or the following relationship is
valid:
If this is the case, then add the second compensation
capacitor (C6) to set the pole fP3 at the location of the
ESR zero. Determine the C6 value by the equation:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com