Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FAC1501H Datasheet(PDF) 13 Page - First Silicon Co., Ltd

Part # FAC1501H
Description  3A 150KHz PWM Buck DC/DC Converter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FAC1501H Datasheet(HTML) 13 Page - First Silicon Co., Ltd

Back Button FAC1501H Datasheet HTML 7Page - First Silicon Co., Ltd FAC1501H Datasheet HTML 8Page - First Silicon Co., Ltd FAC1501H Datasheet HTML 9Page - First Silicon Co., Ltd FAC1501H Datasheet HTML 10Page - First Silicon Co., Ltd FAC1501H Datasheet HTML 11Page - First Silicon Co., Ltd FAC1501H Datasheet HTML 12Page - First Silicon Co., Ltd FAC1501H Datasheet HTML 13Page - First Silicon Co., Ltd FAC1501H Datasheet HTML 14Page - First Silicon Co., Ltd FAC1501H Datasheet HTML 15Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
2012. 05. 25
13/15
Revision No : 0
FAC1501H
Function Description(Cont.)
and so the output voltage ripple is mostly
independent of the ESR. The output voltage
ripple is estimated to be:
VRIPPLE ~= 1.4 * VIN * (fLC/fSW)^2
Where VRIPPLE is the output ripple voltage, VIN
is the input voltage, fLC is the resonant
frequency of the LC filter, fSW is the switching
frequency. In the case of tanatalum or low-
ESR electrolytic capacitors, the ESR
dominates the impedance at the switching
frequency, and so the output ripple is
calculated as:
VRIPPLE ~=
∆I * RESR
Where VRIPPLE is the output voltage ripple,
∆I is
the inductor ripple current, and RESR is the
equivalent series resistance of the output
capacitors.
Output Recti�ier Diode
The output rectifier diode supplies the current to the
inductor when the high-side switch is off. To reduce
losses due to the diode forward voltage and recovery
times, use a Schottky rectifier.
Table 1 provides the Schottky rectifier part numbers
based on the maximum input voltage and current rating.
Choose a rectifier who’s maximum reverse voltage rating
is greater than the maximum input voltage, and who’s
current rating is greater than the maximum load current.
Feedforward Capacitor (CFF)
For output voltages greater than approximately 8V, an
additional capacitor is required. The compensation
capacitor is typically between 100 pF and 33 nF, and is
wired in parallel with the output voltage setting resistor,
output capacitors, such as solid tantalum capacitors.
This capacitor type can be ceramic, plastic, silver mica,
etc.(Because of the unstable characteristics of ceramic
capacitors made with Z5U material, they are not
recommended.)
Note:In PCB layout. Reserved an area for CFF.
Over Current Protection (OCP)
The cycle by cycle current limit threshold is set between
4A and 5A. When the load current reaches the current
limit threshold, the cycle by cycle current limit circuit
turns off the high side switch immediately to terminate
the current duty cycle. The inductor current stops rising.
The cycle by cycle current limit protection directly limits
inductor peak current. The average inductor current is
also limited due to the limitation on peak inductor current.
When the cycle by cycle current limit circuit is triggered,
the output voltage drops as the duty cycle is decreasing.
Thermal Management and Layout
Consideration
In the FAC1501H buck regulator circuit, high pulsing
current flows through two circuit loops. The first loop
starts from the input capacitors, to the VIN pin, to the
VOUT pins, to the filter inductor, to the output capacitor
and load, and then returns to the input capacitor through
ground.
Current flows in the first loop when the high side switch is
on. The second loop starts from the inductor, to the
output capacitors and load, to the GND pin of the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com