Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FAC1509PR Datasheet(PDF) 6 Page - First Silicon Co., Ltd

Part # FAC1509PR
Description  2A 150KHZ PWM Buck DC/DC Converter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FAC1509PR Datasheet(HTML) 6 Page - First Silicon Co., Ltd

Back Button FAC1509PR Datasheet HTML 2Page - First Silicon Co., Ltd FAC1509PR Datasheet HTML 3Page - First Silicon Co., Ltd FAC1509PR Datasheet HTML 4Page - First Silicon Co., Ltd FAC1509PR Datasheet HTML 5Page - First Silicon Co., Ltd FAC1509PR Datasheet HTML 6Page - First Silicon Co., Ltd FAC1509PR Datasheet HTML 7Page - First Silicon Co., Ltd FAC1509PR Datasheet HTML 8Page - First Silicon Co., Ltd FAC1509PR Datasheet HTML 9Page - First Silicon Co., Ltd FAC1509PR Datasheet HTML 10Page - First Silicon Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
VLOGIC=2.5V(Regulator OFF)
uA
IH
IL
ON/OFF pin input current
VLOGIC=0.5V(Regulator ON)
θJC
Thermal Resistance
Junction to Case
SOP8/DIP8
˚C/W
θJA
Thermal Resistance
Junction to Ambient
(Note1)
SOP8/DIP8
Vfb: Output Voltage
11V≤VIN≤45V, 0.2A≤ILOAD
≤2A, VOUT for 9V
1.193 /
1.23
1.267 /
V
ADJ
η: Efficiency
VIN=12V,VOUT=9V,ILOAD=2A
%
Vout: Output Voltage
7V≤VIN≤45V, 0.2A≤ILOAD
≤2A
4.800 /
5.0
5.200 /
V
5V
η: Efficiency
VIN=12V, ILOAD=2A
%
Specifications with boldface type are for full operationg temperature range, the other type are for TJ=25˚C.
Note1: Thermal resistance with copper area of approximately 3 in2.
2008. 1. 28
6/13
FAC1509
Revision No : 0
2A 150KHZ PWM Buck DC/DC Converter
40
10
89
85
5
0.02
15
5
uA
˚C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com