Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FAC1509F5 Datasheet(PDF) 13 Page - First Silicon Co., Ltd

Part # FAC1509F5
Description  2A 150KHZ PWM Buck DC/DC Converter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FAC1509F5 Datasheet(HTML) 13 Page - First Silicon Co., Ltd

Back Button FAC1509F5 Datasheet HTML 5Page - First Silicon Co., Ltd FAC1509F5 Datasheet HTML 6Page - First Silicon Co., Ltd FAC1509F5 Datasheet HTML 7Page - First Silicon Co., Ltd FAC1509F5 Datasheet HTML 8Page - First Silicon Co., Ltd FAC1509F5 Datasheet HTML 9Page - First Silicon Co., Ltd FAC1509F5 Datasheet HTML 10Page - First Silicon Co., Ltd FAC1509F5 Datasheet HTML 11Page - First Silicon Co., Ltd FAC1509F5 Datasheet HTML 12Page - First Silicon Co., Ltd FAC1509F5 Datasheet HTML 13Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
Package Information
DIP8 Package Outline Dimensions
2008. 1. 28
13/13
FAC1509
Revision No : 0
2A 150KHZ PWM Buck DC/DC Converter
INCHES
MILLIMETERS
DIM
A
B
C
D
F
G
H
J
K
L
M
N
MIN
9.40
6.10
3.94
0.38
1.02
2.54 BSC
0.76
0.20
2.92
7.62 BSC
--
0.76
MAX
10.16
6.60
4.45
0.51
1.78
1.27
0.30
3.43
10
1.01
MIN
0.370
0.240
0.155
0.015
0.040
0.100 BSC
0.030
0.008
0.115
0.300 BSC
--
0.030
MAX
0.400
0.260
0.175
0.020
0.070
0.050
0.012
0.135
10
0.040



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com