Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FAC1583 Datasheet(PDF) 7 Page - First Silicon Co., Ltd

Part # FAC1583
Description  3A 380KHZ 28V PWM Buck DC/DC Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FAC1583 Datasheet(HTML) 7 Page - First Silicon Co., Ltd

Back Button FAC1583 Datasheet HTML 3Page - First Silicon Co., Ltd FAC1583 Datasheet HTML 4Page - First Silicon Co., Ltd FAC1583 Datasheet HTML 5Page - First Silicon Co., Ltd FAC1583 Datasheet HTML 6Page - First Silicon Co., Ltd FAC1583 Datasheet HTML 7Page - First Silicon Co., Ltd FAC1583 Datasheet HTML 8Page - First Silicon Co., Ltd FAC1583 Datasheet HTML 9Page - First Silicon Co., Ltd FAC1583 Datasheet HTML 10Page - First Silicon Co., Ltd FAC1583 Datasheet HTML 11Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
Schottky Rectifier Selection Guide
3A Load Current
3A Load Current
Vin (Max)
Part Number
Vendor
Part Number
Vendor
B220
1
B320
1
SK23
6
SK33
1,6
20V
SR22
6
SS32
3
20BQ030
4
B330
1
B230
1
B340L
1
SK23
6
MBRD330
4,5
SR23
3,6
SK33
1,6
30V
SS23
2,3
SS33
2,3
Table 1 lists some rectifier manufacturers.
e
ti
S
b
e
W
r
o
d
n
e
V
.
o
N
m
o
c
.
s
e
d
o
i
d
.
w
w
w
.
c
n
I
,
s
e
d
o
i
D
1
2
Fairchild Semiconductor
www.fairchildsemi.com
3
General Semiconductor
www.gensemi.com
4
International Rectifier
www.irf.com
5
On Semiconductor
www.onsemi.com
6
Pan Jit International
www.panjit.com.tw
Table 2 Schottky Diode manufacturers.
Output Voltage VS R1, R2 Resistor Selection Guide
Vout = (1+R1/R2)*1.222V
1
R
t
u
o
V
R2
1.8V
3.9K
8.2K
2.5V
3.2K
3K
3.3V
6.2K
3.6K
5V
6.2K
2K
9V
13K
2K
12V
16K
1.8K
Table 3. Vout VS. R1, R2 Select Table
2008.01. 28
7/11
Revision No : 0
FAC1583



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com