Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FAC1583FR Datasheet(PDF) 3 Page - First Silicon Co., Ltd

Part # FAC1583FR
Description  3A 380KHZ 28V PWM Buck DC/DC Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FAC1583FR Datasheet(HTML) 3 Page - First Silicon Co., Ltd

  FAC1583FR Datasheet HTML 1Page - First Silicon Co., Ltd FAC1583FR Datasheet HTML 2Page - First Silicon Co., Ltd FAC1583FR Datasheet HTML 3Page - First Silicon Co., Ltd FAC1583FR Datasheet HTML 4Page - First Silicon Co., Ltd FAC1583FR Datasheet HTML 5Page - First Silicon Co., Ltd FAC1583FR Datasheet HTML 6Page - First Silicon Co., Ltd FAC1583FR Datasheet HTML 7Page - First Silicon Co., Ltd FAC1583FR Datasheet HTML 8Page - First Silicon Co., Ltd FAC1583FR Datasheet HTML 9Page - First Silicon Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Function Block
Figure 3 Function Block Diagram of FAC1583
Absolute Maximum Ratings
Parameter
Symbol
Value
Unit
Input Voltage
VIN
-0.3 to 28
V
Feedback Pin Voltage
VFB
-0.3 to Vin
V
Enable Pin Voltage
VEN
-0.3 to 12
V
Switch Pin Voltage
VSW
-0.3 to Vin
V
Power Dissipation
PD
Internally limited
mW
Operating Junction Temperature
TJ
150
ºC
Storage Temperature
TSTG
-65 to 150
ºC
Lead Temperature (Soldering, 10 sec)
TLEAD
260
ºC
V
0
0
0
2
)
M
B
H
(
D
S
E
Thermal Resistance-Junction to Ambient
RθJA
85
ºC / W
Thermal Resistance-Junction to Case
RθJC
45
ºC / W
Note1: Stresses greater than those listed under Maximum Ratings may cause permanent damage
to the device. This is a stress rating only and functional operation of the device at these or any
other conditions above those indicated in the operation is not implied. Exposure to absolute
2008.01. 28
3/11
Revision No : 0
FAC1583



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com