Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FAC1591FR Datasheet(PDF) 2 Page - First Silicon Co., Ltd

Part # FAC1591FR
Description  2A 380KHZ 32V PWM Buck DC/DC Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FAC1591FR Datasheet(HTML) 2 Page - First Silicon Co., Ltd

  FAC1591FR Datasheet HTML 1Page - First Silicon Co., Ltd FAC1591FR Datasheet HTML 2Page - First Silicon Co., Ltd FAC1591FR Datasheet HTML 3Page - First Silicon Co., Ltd FAC1591FR Datasheet HTML 4Page - First Silicon Co., Ltd FAC1591FR Datasheet HTML 5Page - First Silicon Co., Ltd FAC1591FR Datasheet HTML 6Page - First Silicon Co., Ltd FAC1591FR Datasheet HTML 7Page - First Silicon Co., Ltd FAC1591FR Datasheet HTML 8Page - First Silicon Co., Ltd FAC1591FR Datasheet HTML 9Page - First Silicon Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Pin Configurations
Figure 2 Pin Configuration of FAC1591 (Top View)
Pin Description
Pin Number Pin Name Description
1,6, 8
NC
Not Connect.
2
Vin
Supply Voltage Input Pin. FAC1591operates from a 3.6V to 32V
DC voltage. Bypass Vin to GND with a suitably large capacitor
to eliminate noise on the input.
3
SW
Power Switch Output Pin. SW is the switch node that supplies
power to the output.
4
GND
Ground Pin. Care must be taken in layout. This pin should be
placed outside of the Schottky Diode to output capacitor ground
path to prevent switching current spikes from inducing voltage
noise into FAC1591.
5
FB
Feedback Pin. Through an external resistor divider network, FB
senses the output voltage and regulates it. The feedback
threshold voltage is 1.222V.
7
EN
Enable Pin. EN is a digital input that turns the regulator on or
off .Drive EN pin high to turn on the device, drive it low to turn
it off.
Ordering Information
X
X
FAC1591
Circuit Type
Package
F:
SOP8
Packing
Blank:
Tube
R:
Type and Reel
2008.01. 28
2/12
Revision No : 0
FAC1591



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com