Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FC6206S Datasheet(PDF) 3 Page - First Silicon Co., Ltd

Part # FC6206S
Description  FC6206S Series Low ESR Cap. Compatible Positive Voltage Regulator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FC6206S Datasheet(HTML) 3 Page - First Silicon Co., Ltd

  FC6206S Datasheet HTML 1Page - First Silicon Co., Ltd FC6206S Datasheet HTML 2Page - First Silicon Co., Ltd FC6206S Datasheet HTML 3Page - First Silicon Co., Ltd FC6206S Datasheet HTML 4Page - First Silicon Co., Ltd FC6206S Datasheet HTML 5Page - First Silicon Co., Ltd FC6206S Datasheet HTML 6Page - First Silicon Co., Ltd FC6206S Datasheet HTML 7Page - First Silicon Co., Ltd FC6206S Datasheet HTML 8Page - First Silicon Co., Ltd FC6206S Datasheet HTML 9Page - First Silicon Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
FC6206S302 V OUT(T)=3.0V(Note 1)
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Circuit
Output Voltage
VOUT(E)
(Note 2)
IOUT=40mA
VIN=4.0V
2.940
3.000
3.060
V
1
Maximum Output Current
IOUT max
VIN=4.0V, VOUT(E)≤ V
7
.
2
350
mA
1
Load Stability
∆VOUT
VIN=4.0V, 1mA≤IOUT≤100mA
25
mV
1
Vdif1
IOUT=80mA
80
mV
1
Input –Output
Voltage Differential (Note 3)
Vdif2
IOUT=150mA
250
mV
1
1.0
VIN=4.0V
Iss
Supply Current
Input Stability
∆VOUT
∆VIN * VOUT
IOUT=40mA
VOUT(T)+1.0V
≤VIN≤6V
0.01
0.30
%V
1
1.8
VIN
Input Voltage
Current Limiter
Ishort
VIN = VOUT+1 5V, VOUT=VSS
100
mA
1
Note : 1. VOUT(T) = Specified Output Voltage.
2. VOUT(E) = Effective Output Voltage (i.e. the output voltage when (VOUT(T)+1.0V) is provided at the VIN pin
while maintaining a certain IOUT value).
3. Vdif = VIN1(Note 4) – VOUT(E)
4. VIN1 = The input voltage at the time 98% of VOUT (E) is output (input voltage has been gradually reduced).
Electrical Characteristic
◆
◆
◆
2013. 01. 21
3/14
FC6206S
Revision No : 3
2
uA
6
V
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com