Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FC9056 Datasheet(PDF) 3 Page - First Silicon Co., Ltd

Part # FC9056
Description  1A Stand alone Linear Li-Ion Battery Charger with Thermal Regulation
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FC9056 Datasheet(HTML) 3 Page - First Silicon Co., Ltd

  FC9056 Datasheet HTML 1Page - First Silicon Co., Ltd FC9056 Datasheet HTML 2Page - First Silicon Co., Ltd FC9056 Datasheet HTML 3Page - First Silicon Co., Ltd FC9056 Datasheet HTML 4Page - First Silicon Co., Ltd FC9056 Datasheet HTML 5Page - First Silicon Co., Ltd FC9056 Datasheet HTML 6Page - First Silicon Co., Ltd FC9056 Datasheet HTML 7Page - First Silicon Co., Ltd FC9056 Datasheet HTML 8Page - First Silicon Co., Ltd FC9056 Datasheet HTML 9Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Pin Descrip�on
Pin Name
Pin Number
TEMP
1
Connec�ng TEMP pin to NTC thermistor’s output in Lithium ion ba�ery pack. If TEMP
pin’s voltage is below 45% or above 80% of supply voltage VIN for more than 0.15S, this
means that ba�ery’s temperature is too high or too low, charging is suspended. The
temperature sense func�on can be disabled by grounding the TEMP pin.
PROG
2
charge current is set by connec�ng a resistor RPROG from this pin to GND. When in
precharge mode, the PROG pin’s voltage is regulated to 0.2V. When in constant charge
current mode, the PROG pin’s voltage is regulated to 2V. In all modes during charging,
the voltage on PROG pin can be used to measure the charge current as follows:
IBAT=(VPROG/RPROG)*1000----(FC9056)
GND
3
GND
Vcc
4
VIN is the power supply to the internal circuit. When VIN drops to within 30mv of the
BAT pin voltage, FC9056 enters low power sleep mode, dropping BAT pin’s current to
less than 2uA
BAT
5
Connect the posi�ve terminal of the ba�ery to BAT pin. BAT pin draws less than 2uA
current in chip disable mode or in sleep mode. BAT pin provides charge current to the
ba�ery and provides regula�on voltage of 4.2V.
STDBY
6
When the ba�ery Charge Termina�on, the STDBY pin is pulled low by an internal switch,
otherwise STDBY pin is in high impedance state.
CHRG
7
When the ba�ery is being charged, the CHRG pin is pulled low by an internal switch,
otherwise CHRG pin is in high impedance state.
CE
8
A high input will put the device in the normal opera�ng mode. Pulling the CE pin to low
level will put the FC9056 into disable mode. The CE pin can be driven by TTL or CMOS
logic level.
Ordering Informa�on
FC9056
Circuit Type
Packing:
Blank:Tube
R: Tape and Reel
BLANK
M: SOP-8E
2018. 05. 15
3/9
Revision No : 0
FC9056
1A Stand alone Linear Li-Ion Battery Charger with Thermal Regulation



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com