Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AST-01708MR-R Datasheet(PDF) 1 Page - PUI audio inc.

Part # AST-01708MR-R
Description  17mm diameter speaker with Neodymium magnet for 90 dB sensitivity
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PUIAUDIO [PUI audio inc.]
Direct Link  http://www.puiaudio.com/
Logo PUIAUDIO - PUI audio inc.

AST-01708MR-R Datasheet(HTML) 1 Page - PUI audio inc.

  AST-01708MR-R Datasheet HTML 1Page - PUI audio inc. AST-01708MR-R Datasheet HTML 2Page - PUI audio inc. AST-01708MR-R Datasheet HTML 3Page - PUI audio inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
 
PUI Audio Inc. engages in continuous product improvement. All specifications are subject to change without notice. www.puiaudio.com. Copyright © 2015. Last Revised 4/15.
AST-01708MR-R
17mm Speaker
Product Overview 
• 17mm diameter speaker with Neodymium magnet for 90 dB sensi vity
• 0.2W con nuous, 0.5W maximum power handling and 8Ω impedance
• Mylar cone for wide frequency response
• Thru hole design and wave solderable for PCB mount
3541 Stop Eight Road • Dayton, Ohio 45414
Frequency Response (0.2W @ 0.1 meter)


Similar Part No. - AST-01708MR-R

ManufacturerPart #DatasheetDescription
logo
Projects Unlimited, Inc...
AST-01708MR-R PUI-AST-01708MR-R Datasheet
195Kb / 1P
Speaker
More results

Similar Description - AST-01708MR-R

ManufacturerPart #DatasheetDescription
logo
PUI audio inc.
AS01008MR-2-R PUIAUDIO-AS01008MR-2-R Datasheet
777Kb / 3P
10mm diameter speaker with Neodymium magnet for 86 dB sensitivity
AS01308MR-R PUIAUDIO-AS01308MR-R Datasheet
291Kb / 3P
13mm diameter speaker with Neodymium magnet for 86 dB sensitivity
AS01708MR-SC-2-R PUIAUDIO-AS01708MR-SC-2-R Datasheet
748Kb / 3P
17mm diameter speaker with Neodymium magnet for 88 dB sensitivity
AS01808MR-LW152-R PUIAUDIO-AS01808MR-LW152-R Datasheet
738Kb / 3P
18mm diameter speaker with Neodymium magnet for 80 dB sensitivity
AS01808MR-R PUIAUDIO-AS01808MR-R Datasheet
454Kb / 3P
18mm diameter speaker with Neodymium magnet for 80 dB sensitivity
AS02808MR-R PUIAUDIO-AS02808MR-R Datasheet
851Kb / 3P
28mm diameter speaker with Neodymium magnet for 80 dB sensitivity
AS04004PR-R PUIAUDIO-AS04004PR-R Datasheet
885Kb / 3P
40mm diameter speaker with Neodymium magnet for 86 dB sensitivity
AST-01508MR-R PUIAUDIO-AST-01508MR-R Datasheet
484Kb / 3P
15mm diameter speaker with Neodymium magnet for 87 dB sensitivity
AST-1732MR-R PUIAUDIO-AST-1732MR-R Datasheet
437Kb / 3P
17mm diameter speaker with Neodymium magnet for 90 dB sensitivity
AST-03032MR-R PUIAUDIO-AST-03032MR-R Datasheet
483Kb / 3P
30mm diameter speaker with Neodymium magnet for 81 dB sensitivity
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com