Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AST-02308MR-R Datasheet(PDF) 1 Page - PUI audio inc.

Part # AST-02308MR-R
Description  ALL DIMENSIONS ARE IN MILLIMETERS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PUIAUDIO [PUI audio inc.]
Direct Link  http://www.puiaudio.com/
Logo PUIAUDIO - PUI audio inc.

AST-02308MR-R Datasheet(HTML) 1 Page - PUI audio inc.

  AST-02308MR-R Datasheet HTML 1Page - PUI audio inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Speaker
AST-02308MR-R
B.R.
B.R.
E.P.
2/25/2009
-
Designed by
Checked by
Approved by
Drawn Date
1 / 1
Edition
Sheet
Date
4/19/2006
Date
4/19/2006
Date
4/19/2006
UNLESS OTHERWISE
SPECIFIED:
DIMENSIONS ARE IN
MILLIMETERS,
TOLERANCES
ARE ±0.5 AND
ANGLES ARE ±3°.
AST-02308MR-R.idw
A3
SIZE
REVISION HISTORY
LTR
DESCRIPTION
DATE
APPROVED
-
RELEASED FROM ENGINEERING
4/19/2006
A
REVISED POWER RATINGS
11/19/2007
B.R.
B
REVISED TO INVENTOR 3-D DRAWING TEMPLATE
2/25/2009
B.R.
C
ADDED NOTE 4
1/5/2011
B.R.
D
REVISED MAGNET MATERIAL
6/28/2011
C.W.
E
REVISED HOUSING MATERIAL
12/23/2011
M.L.
SPECIFICATIONS
PARAMETERS
VALUES
UNITS
RATED INPUT POWER
0.1
W
MAX INPUT POWER
0.2
W
IMPEDANCE
8 ± 20%
OHM
OUTPUT SPL @ 0.1W/0.5M
(AT 1.2, 1.5, 1.6, 1.8 kHz)
75 ± 3
dBA
DISTORTION (MAX.)
5%
-
RESONANT FREQUENCY
1,500 ± 20%
Hz
FREQUENCY RANGE
600 ~ 20,000
Hz
HOUSING MATERIAL
ABS
-
CONE MATERIAL
MYLAR
-
MAGNET MATERIAL
NdFeB
-
OPERATING TEMPERATURE
-20 ~ +60
°C
WEIGHT
3.2
grams
NOTES:
1. ALL DIMENSIONS ARE IN MILLIMETERS.
2. SPECIFICATIONS SUBJECT TO CHANGE OR WITHDRAWL
WITHOUT NOTICE.
3. THIS PART IS RoHS 2002/95/EC COMPLIANT.
4. HAND SOLDER ONLY.
23
8.5
0.5
5.5
10
0.8 (2)
REMOVABLE
WASH TAB
THIS DOCUMENT CONTAINS DATA PROPRIETARY TO
PROJECTS UNLIMITED, INC. ANY USE OR
REPRODUCTION, IN ANY FORM, WITHOUT PRIOR
WRITTEN PERMISSION OF PROJECTS UNLIMITED,
INC. IS PROHIBITED.
©2003, Projects Unlimited Inc.


Similar Part No. - AST-02308MR-R

ManufacturerPart #DatasheetDescription
logo
Projects Unlimited, Inc...
AST-02308MR-R PUI-AST-02308MR-R Datasheet
285Kb / 1P
Speaker
More results

Similar Description - AST-02308MR-R

ManufacturerPart #DatasheetDescription
logo
PUI audio inc.
SMT-0824-TW-5V-R PUIAUDIO-SMT-0824-TW-5V-R Datasheet
156Kb / 1P
ALL DIMENSIONS ARE IN MILLIMETERS
SMT-0927-S-7-R PUIAUDIO-SMT-0927-S-7-R Datasheet
259Kb / 1P
ALL DIMENSIONS ARE IN MILLIMETERS
SMT-0927-S-11-R PUIAUDIO-SMT-0927-S-11-R Datasheet
269Kb / 1P
ALL DIMENSIONS ARE IN MILLIMETERS
SMT-0940-T-3V-R PUIAUDIO-SMT-0940-T-3V-R Datasheet
332Kb / 1P
ALL DIMENSIONS ARE IN MILLIMETERS
SMT-1220-TW-R PUIAUDIO-SMT-1220-TW-R Datasheet
253Kb / 1P
ALL DIMENSIONS ARE IN MILLIMETERS
SMT-1324-TW-1V-R PUIAUDIO-SMT-1324-TW-1V-R Datasheet
159Kb / 1P
ALL DIMENSIONS ARE IN MILLIMETERS
TOM-1545L-LW100-R PUIAUDIO-TOM-1545L-LW100-R Datasheet
264Kb / 1P
ALL DIMENSIONS ARE IN MILLIMETERS
TOM-1545L-R PUIAUDIO-TOM-1545L-R Datasheet
193Kb / 1P
ALL DIMENSIONS ARE IN MILLIMETERS
UR-1640K-TT-2-R PUIAUDIO-UR-1640K-TT-2-R Datasheet
275Kb / 1P
ALL DIMENSIONS ARE IN MILLIMETERS
X-2629-TWT-R PUIAUDIO-X-2629-TWT-R Datasheet
210Kb / 1P
ALL DIMENSIONS ARE IN MILLIMETERS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com