Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AST-03032MR-R Datasheet(PDF) 3 Page - PUI audio inc.

Part # AST-03032MR-R
Description  30mm diameter speaker with Neodymium magnet for 81 dB sensitivity
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PUIAUDIO [PUI audio inc.]
Direct Link  http://www.puiaudio.com/
Logo PUIAUDIO - PUI audio inc.

AST-03032MR-R Datasheet(HTML) 3 Page - PUI audio inc.

  AST-03032MR-R Datasheet HTML 1Page - PUI audio inc. AST-03032MR-R Datasheet HTML 2Page - PUI audio inc. AST-03032MR-R Datasheet HTML 3Page - PUI audio inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Speaker
AST-03032MR-R
J.D.
E.P.
B.R.
10/24/2008
-
Designed by
Checked by
Approved by
Drawn Date
1 / 1
Edition
Sheet
Date
5/17/2006
Date
5/17/2006
Date
5/17/2006
UNLESS OTHERWISE
SPECIFIED:
DIMENSIONS ARE IN
MILLIMETERS,
TOLERANCES
ARE ±0.5 AND
ANGLES ARE ±3°.
AST-03032MR-R.idw
A3
SIZE
REVISION HISTORY
LTR
DESCRIPTION
DATE
APPROVED
-
RELEASED FROM ENGINEERING
5/17/2006
A
REVISED PART DIMENSION
3/19/2007
D.F.
B
REVISED TO INVENTOR 3-D DRAWING TEMPLATE
10/24/2008
B.R.
SPECIFICATIONS
PARAMETERS
VALUES
UNITS
RATED INPUT POWER
0.1
W
MAX INPUT POWER
0.2
W
IMPEDANCE
32 ± 20%
OHM
OUTPUT SPL @ 0.1W/0.1M
(AT 2.0, 2.5, 3.0, 4.0 kHz)
81 ± 3
dBA
DISTORTION (MAX.)
5%
-
RESONANT FREQUENCY
1,200 ± 20%
Hz
FREQUENCY RANGE
1200 ~ 20,000
Hz
HOUSING MATERIAL
PBT
-
CONE MATERIAL
MYLAR
-
MAGNET MATERIAL
Nd-Fe-B
-
OPERATING TEMPERATURE
-20 ~ +55
°C
WEIGHT
8.5
grams
THIS DOCUMENT CONTAINS DATA PROPRIETARY TO
PROJECTS UNLIMITED, INC. ANY USE OR
REPRODUCTION, IN ANY FORM, WITHOUT PRIOR
WRITTEN PERMISSION OF PROJECTS UNLIMITED,
INC. IS PROHIBITED.
©2003, Projects Unlimited Inc.
NOTES:
1. ALL DIMENSIONS ARE IN MILLIMETERS.
2. SPECIFICATIONS SUBJECT TO CHANGE OR WITHDRAWL
WITHOUT NOTICE.
3. THIS PART IS RoHS 2002/95/EC COMPLIANT.
n30
12.5
0.7
`0.1
6.5
1
n`0.05 (2)
15



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com