Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASX11504-SW-R Datasheet(PDF) 1 Page - PUI audio inc.

Part # ASX11504-SW-R
Description  Installs in minutes with spring-loaded push terminals and mounting holes
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PUIAUDIO [PUI audio inc.]
Direct Link  http://www.puiaudio.com/
Logo PUIAUDIO - PUI audio inc.

ASX11504-SW-R Datasheet(HTML) 1 Page - PUI audio inc.

  ASX11504-SW-R Datasheet HTML 1Page - PUI audio inc. ASX11504-SW-R Datasheet HTML 2Page - PUI audio inc. ASX11504-SW-R Datasheet HTML 3Page - PUI audio inc. ASX11504-SW-R Datasheet HTML 4Page - PUI audio inc. ASX11504-SW-R Datasheet HTML 5Page - PUI audio inc. ASX11504-SW-R Datasheet HTML 6Page - PUI audio inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
This document contains data proprietary to PUI Audio Inc. Any use or reproduction, in any form, without prior written permission
of PUI Audio Inc. is prohibited.
©2018, PUI Audio Inc.
PUI Audio, Inc., 3541 Stop Eight Road, Dayton, OH 45414
Tel: (937) 415-5901 Fax: (937) 415-5925
Data Sheet
ASX11504-SW-R
PUI Audio’s ASX11504-SW-R silent subwoofer exciter, also referred to as a
tactile transducer, is purpose-built to recreate ultra-low frequencies from 500
Hz all the way down to 5 Hz! It delivers all the bass, without much space, and
with nearly none of the sound. Perfect for surround sound systems and gaming!
Instead of using a cone or diaphragm to move air, the electro-mechanical motor
is designed to directly couple to a surface (such as the frame of a chair or sofa) to
transmit vibrational energy from the motor into the mounting surface, exciting
deep tissue muscles (kinesthetic senses), skeletal nerve endings (haptic senses),
and transmitting sound through bone conduction.
Tactile transducers can also be used to replace vibrational motors in industrial
and medical applications where multi-frequency haptics are required.
Features:
•
Installs in minutes with spring-loaded push terminals and mounting holes
•
4 ohm impedance and high 50W continuous power rating
•
Creates bass without sound, perfect for home theater, industrial, and medical
applications
•
Able to create almost 90 Newtons of force
Specifications
Parameters
Values
Units
Rated Input Power
50
Watts
Max Input Power
100
Watts
Impedance
4 ± 15%
Ohms
Resonant Frequency
35± 20%
Hz
Frequency Range
5 ~ 500
Hz
Housing Material
Aluminum
-
Magnet Material
NdFeB
-
Weight
780
Grams
Operating Temperature
-20 ~ +60
°C


Similar Part No. - ASX11504-SW-R

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor ...
ASX101 ASB-ASX101 Datasheet
1Mb / 16P
5 ~ 4000 MHz MMIC Amplifier
February 2017
logo
PUI audio inc.
ASX10104-SPD-R PUIAUDIO-ASX10104-SPD-R Datasheet
361Kb / 1P
ALL DIMENSIONS ARE IN MILLIMETERS
ASX10108-SPD-R PUIAUDIO-ASX10108-SPD-R Datasheet
361Kb / 1P
ALL DIMENSIONS ARE IN MILLIMETERS
logo
Advanced Semiconductor ...
ASX1037 ASB-ASX1037 Datasheet
658Kb / 14P
X Band Power Amplifier MMIC
June 2017
ASX1037HG ASB-ASX1037HG Datasheet
744Kb / 17P
X Band Power Amplifier MMIC
January 2017
More results

Similar Description - ASX11504-SW-R

ManufacturerPart #DatasheetDescription
logo
Mill-Max Mfg. Corp.
0900-0-00-00-00-00-11-0 MILL-MAX-0900-0-00-00-00-00-11-0 Datasheet
318Kb / 1P
SPRING-LOADED CONNECTORS Discrete Spring-Loaded Contacts
0906-0-15-20-76-14-11-0 MILL-MAX-0906-0-15-20-76-14-11-0 Datasheet
400Kb / 1P
SPRING-LOADED CONNECTORS Discrete Spring-Loaded Contacts
0950-0-15-20-71-14-11-0 MILL-MAX-0950-0-15-20-71-14-11-0 Datasheet
219Kb / 1P
SPRING-LOADED CONNECTORS Discrete Spring-Loaded Contacts
0850-0-15-20-83-14-11-0 MILL-MAX-0850-0-15-20-83-14-11-0 Datasheet
205Kb / 1P
SPRING-LOADED CONNECTORS Discrete Spring-Loaded Contacts
0905 MILL-MAX-0905 Datasheet
145Kb / 1P
SPRING-LOADED CONNECTORS Discrete Spring-Loaded Contacts
807-22-001-30-000101 MILL-MAX-807-22-001-30-000101 Datasheet
118Kb / 3P
Spring-Loaded Insulated Spring Pin Spring-Loaded Header
logo
Harwin Plc
P70-2000045R HARWIN-P70-2000045R Datasheet
83Kb / 1P
SMT SPRING LOADED POGO PIN WITH PEG, IN TAPE AND REEL
P70-2100045R HARWIN-P70-2100045R Datasheet
76Kb / 1P
SMT SPRING LOADED POGO PIN WITH PEG, IN TAPE AND REEL
P70-2300045R HARWIN-P70-2300045R Datasheet
72Kb / 1P
SMT SPRING LOADED POGO PIN WITH PEG, IN TAPE AND REEL
P70-6000045R HARWIN-P70-6000045R Datasheet
73Kb / 1P
SMT SPRING LOADED POGO PIN WITH PEG, IN TAPE AND REEL
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com