Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT-1224-TWT-R Datasheet(PDF) 1 Page - PUI audio inc.

Part # AT-1224-TWT-R
Description  ALL DIMENSIONS ARE IN MILLIMETERS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PUIAUDIO [PUI audio inc.]
Direct Link  http://www.puiaudio.com/
Logo PUIAUDIO - PUI audio inc.

AT-1224-TWT-R Datasheet(HTML) 1 Page - PUI audio inc.

  AT-1224-TWT-R Datasheet HTML 1Page - PUI audio inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Transducer (Electro-Mech)
AT-1224-TWT-R
R.A.C.
R.W.
10/15/2009
-
Designed by
Checked by
Approved by
Drawn Date
1 / 1
Edition
Sheet
Date
6/9/2004
Date
Date
6/10/2004
UNLESS OTHERWISE
SPECIFIED:
DIMENSIONS ARE IN
MILLIMETERS,
TOLERANCES
ARE 0.5 AND
ANGLES ARE 3 .
AT-1224-TWT-R.idw
A3
SIZE
REVISION HISTORY
LTR
DESCRIPTION
DATE
APPROVED
-
RELEASED FROM ENGINEERING
6/9/2004
A
ADDED RESONANT FREQUENCY TOLERANCE
9/13/2004
R.W.
B
REMOVED LEAD FREE ADDED RoHS NOTE
8/10/2005
E.P.
C
REVISED HEIGHT DIMENSION
4/11/2006
E.P.
D
ADDED PART NUMBER AND DATE CODE
8/23/2006
B.R.
E
REVISED OPERATING AND STORAGE TEMPERATURE
4/4/2007
D.F.
F
REVISED RoHS NOTE
2/16/2009
B.R.
G
REVISED TO INVENTOR 3-D DRAWING TEMPLATE
10/15/2009
B.R.
H
CHANGE VOLTAGE FROM Vpp to Vpk, UPDATE ROHS
5/16/2019
M.L.
SPECIFICATIONS
PARAMETERS
VALUES
UNITS
RATED VOLTAGE (SQUARE WAVE)
5
Vpk
OPERATING VOLTAGE RANGE
3 ~ 8
Vpk
RATED CURRENT (MAX)
40
mA
COIL RESISTANCE
47
9.4
OHM
MINIMUM SPL @ 10 CM
85
dBA
RESONANT FREQUENCY
2,400
500
Hz
OPERATING TEMPERATURE
-40 ~ +70
C
STORAGE TEMPERATURE
-40 ~ +80
C
HOUSING MATERIAL
NORYL
-
TERMINAL MATERIAL
Sn PLATED
RED COPPER
-
WEIGHT
2
grams
NOTES:
1. ALL DIMENSIONS ARE IN MILLIMETERS.
2. SPECIFICATIONS SUBJECT TO CHANGE OR WITHDRAWL
WITHOUT NOTICE.
3. THIS PART IS RoHS 2015/863/EU COMPLIANT.
12
0.2
8.5
0.2
0.5
4.5
0.6
0.05 (2)
6.5
0.2
REMOVABLE TAB
POTTING
THIS DOCUMENT CONTAINS DATA PROPRIETARY TO
PUI AUDIO, INC. ANY USE OR REPRODUCTION, IN
ANY FORM, WITHOUT PRIOR WRITTEN PERMISSION
OF PUI AUDIO, INC. IS PROHIBITED.
2010, PUI AUDIO Inc.


Similar Part No. - AT-1224-TWT-R

ManufacturerPart #DatasheetDescription
logo
Projects Unlimited, Inc...
AT-1224-TWT-R PUI-AT-1224-TWT-R Datasheet
210Kb / 1P
ADDED RESONANT FREQUENCY TOLERANCE
More results

Similar Description - AT-1224-TWT-R

ManufacturerPart #DatasheetDescription
logo
PUI audio inc.
SMT-0824-TW-5V-R PUIAUDIO-SMT-0824-TW-5V-R Datasheet
156Kb / 1P
ALL DIMENSIONS ARE IN MILLIMETERS
SMT-0927-S-7-R PUIAUDIO-SMT-0927-S-7-R Datasheet
259Kb / 1P
ALL DIMENSIONS ARE IN MILLIMETERS
SMT-0927-S-11-R PUIAUDIO-SMT-0927-S-11-R Datasheet
269Kb / 1P
ALL DIMENSIONS ARE IN MILLIMETERS
SMT-0940-T-3V-R PUIAUDIO-SMT-0940-T-3V-R Datasheet
332Kb / 1P
ALL DIMENSIONS ARE IN MILLIMETERS
SMT-1220-TW-R PUIAUDIO-SMT-1220-TW-R Datasheet
253Kb / 1P
ALL DIMENSIONS ARE IN MILLIMETERS
SMT-1324-TW-1V-R PUIAUDIO-SMT-1324-TW-1V-R Datasheet
159Kb / 1P
ALL DIMENSIONS ARE IN MILLIMETERS
TOM-1545L-LW100-R PUIAUDIO-TOM-1545L-LW100-R Datasheet
264Kb / 1P
ALL DIMENSIONS ARE IN MILLIMETERS
TOM-1545L-R PUIAUDIO-TOM-1545L-R Datasheet
193Kb / 1P
ALL DIMENSIONS ARE IN MILLIMETERS
UR-1640K-TT-2-R PUIAUDIO-UR-1640K-TT-2-R Datasheet
275Kb / 1P
ALL DIMENSIONS ARE IN MILLIMETERS
X-2629-TWT-R PUIAUDIO-X-2629-TWT-R Datasheet
210Kb / 1P
ALL DIMENSIONS ARE IN MILLIMETERS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com