Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STP60NF10 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STP60NF10
Description  N-CHANNEL 100V - 0.019ohm - 80A D2PAK/TO-220 STripFET II POWER MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP60NF10 Datasheet(HTML) 1 Page - STMicroelectronics

  STP60NF10 Datasheet HTML 1Page - STMicroelectronics STP60NF10 Datasheet HTML 2Page - STMicroelectronics STP60NF10 Datasheet HTML 3Page - STMicroelectronics STP60NF10 Datasheet HTML 4Page - STMicroelectronics STP60NF10 Datasheet HTML 5Page - STMicroelectronics STP60NF10 Datasheet HTML 6Page - STMicroelectronics STP60NF10 Datasheet HTML 7Page - STMicroelectronics STP60NF10 Datasheet HTML 8Page - STMicroelectronics STP60NF10 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1/10
May 2005
STB60NF10
STP60NF10
N-CHANNEL 100V - 0.019
Ω - 80A D²PAK/TO-220
STripFET™ II POWER MOSFET
Rev. 2.0
Figure 1:Package
Table 1: General Features
■
TYPICAL RDS(on) = 0.019 Ω
■
EXTREMELY HIGHL dv/dt CAPABILITY
■
100% AVALANCHE TESTED
■
SURFACE-MOUNTING D²PAK (TO-263)
POWER PACKAGE IN TAPE & REEL
(SUFFIX “T4")
DESCRIPTION
This MOSFET series realized with STMicroelec-
tronics unique STripFET™ process has specifical-
ly been designed to minimize input capacitance
and gate charge. It is therefore suitable as primary
switch in advanced high-efficiency, high-frequency
isolated DC-DC converters for Telecom and Com-
puter applications. It is also intended for any appli-
cations with low gate drive requirements.
APPLICATIONS
■
HIGH EFFICIENCY DC/DC CONVERTERS,
INDUSTRIAL, AND LIGHTING EQUIPMENT.
■
MOTOR CONTROL
TYPE
VDSS
RDS(on)
ID
STB60NF10
STP60NF10
100 V
100 V
< 0.023
Ω
< 0.023
Ω
80 A
80 A
1
2
3
TO-220
1
3
D2PAK
TO-263
(Suffix “T4”)
Figure 2: Internal Schematic Diagram
Table 2: Ordering Information
Table 3:ABSOLUTE MAXIMUM RATINGS
(
•) Pulse width limited by safe operating area.
(**) Current Limited by Package
(1) ISD ≤80A, di/dt ≤300A/µs, VDD ≤ V(BR)DSS, Tj ≤ TJMAX
(2) Starting Tj = 25 oC, ID = 40A, VDD = 30V
SALES TYPE
MARKING
PACKAGE
PACKAGING
STB60NF10T4
STP60NF10
B60NF10
P60NF10
TO-263
TO-220
TAPE & REEL
TUBE
Symbol
Parameter
Value
Unit
VDS
Drain-source Voltage (VGS = 0)
100
V
VDGR
Drain-gate Voltage (RGS = 20 kΩ)
100
V
VGS
Gate- source Voltage
± 20
V
ID(*)
Drain Current (continuous) at TC = 25°C
80
A
ID
Drain Current (continuous) at TC = 100°C
66
A
IDM(•)
Drain Current (pulsed)
320
A
Ptot
Total Dissipation at TC = 25°C
300
W
Derating Factor
2
W/°C
dv/dt (1)
Peak Diode Recovery voltage slope
16
V/ns
EAS (2)
Single Pulse Avalanche Energy
485
mJ
Tstg
Storage Temperature
-55 to 175
°C


Similar Part No. - STP60NF10

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP60NF10 STMICROELECTRONICS-STP60NF10 Datasheet
370Kb / 15P
N-channel 100V - 0.019Ω - 80A - TO-220 - D2PAK - I2PAK STripFET™II Power MOSFET
18-Sep-2006
logo
SHENZHEN DOINGTER SEMIC...
STP60NF10 DOINGTER-STP60NF10 Datasheet
942Kb / 3P
N-Channel MOSFET uses advanced trench technology
logo
Inchange Semiconductor ...
STP60NF10 ISC-STP60NF10 Datasheet
371Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - STP60NF10

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB85NF55 STMICROELECTRONICS-STB85NF55 Datasheet
376Kb / 10P
N-CHANNEL 55V - 0.0062 ohm - 80A D2PAK/TO-220 STripFET™ II POWER MOSFET
Jan-2003
STB85NF55L STMICROELECTRONICS-STB85NF55L Datasheet
370Kb / 10P
N-CHANNEL 55V - 0.0060 ohm - 80A D2PAK/TO-220 STripFET™ II POWER MOSFET
Sep-2002
STP80NF03L-04-1 STMICROELECTRONICS-STP80NF03L-04-1 Datasheet
360Kb / 11P
N-CHANNEL 30V - 0.0035ohm - 80A D2PAK/I2PAK/TO-220 STripFET™ II POWER MOSFET
Feb-2003
STP80NF55L-08 STMICROELECTRONICS-STP80NF55L-08 Datasheet
320Kb / 8P
N-CHANNEL 55V - 0.0065ohm - 80A - TO-220/D2PAK STripFET™ II POWER MOSFET
Apr-2003
STP80NF06 STMICROELECTRONICS-STP80NF06 Datasheet
303Kb / 14P
N-CHANNEL 60V - 0.0065OHM - 80A TO-220/D2PAK/TO-247 STripFET II POWER MOSFET
17-Aug-2006
STB140NF55 STMICROELECTRONICS-STB140NF55 Datasheet
280Kb / 11P
N-CHANNEL 55V - 0.0065 ohm - 80A TO-220/D2PAK STripFET II POWER MOSFET
07-Nov-2004
STB80NF10 STMICROELECTRONICS-STB80NF10 Datasheet
317Kb / 14P
N-channel 100V - 0.012OHM - 80A - TO-220 / D2PAK Low gate charge STRIPFET TM II Power MOSFET
25-Jan-2007
STB60NF10 STMICROELECTRONICS-STB60NF10_06 Datasheet
370Kb / 15P
N-channel 100V - 0.019Ω - 80A - TO-220 - D2PAK - I2PAK STripFET™II Power MOSFET
18-Sep-2006
STP80NF06 STMICROELECTRONICS-STP80NF06_07 Datasheet
314Kb / 14P
N-channel 60V - 0.0065 - 80A TO-220/D2PAK/TO-247 STripFET II Power MOSFET
03-May-2007
logo
New Jersey Semi-Conduct...
STP75NF75FP NJSEMI-STP75NF75FP Datasheet
98Kb / 3P
N-channel 75V - 0.0095Q- 80A - TO-220 - TO-220FP - D2PAK STripFET??II Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com