Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DTC109 Datasheet(PDF) 2 Page - First Silicon Co., Ltd

Part # DTC109
Description  Bias Resistor Transistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

DTC109 Datasheet(HTML) 2 Page - First Silicon Co., Ltd

  DTC109 Datasheet HTML 1Page - First Silicon Co., Ltd DTC109 Datasheet HTML 2Page - First Silicon Co., Ltd DTC109 Datasheet HTML 3Page - First Silicon Co., Ltd DTC109 Datasheet HTML 4Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
DEVICE MARKING AND RESISTOR VALUES
Device
Package
Marking
R1 (K)
R2 (K)
DTC109
SOT-23
47
22
3. New devices. Updated curves to follow in subsequent data sheets.
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted) (Continued)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Collector-Base Cutoff Current (VCB = 40 V, IE = 0)
ICBO
–
–
50
nAdc
Collector-Emitter Cutoff Current (VCE = 40 V, IB = 0)
ICEO
–
–
50
nAdc
Emitter-Base Cutoff Current
(VBE = 6.0 V, IC = 0)
IEBO
–
–
0.13
mAdc
Collector-Base Breakdown Voltage (IC = 10 µA, IE = 0)
V(BR)CBO
50
–
–
Vdc
Collector-Emitter Breakdown Voltage (Note 4)
(IC = 2.0 mA, IB = 0)
V(BR)CEO
50
–
–
Vdc
ON CHARACTERISTICS (Note 4)
DC Current Gain
(VCE = 10 V, IC = 5.0 mA)
hFE
80
140
–
Collector-Emitter Saturation Voltage (IC = 10 mA, IB = 5 mA)
VCE(sat)
–
–
0.25
Vdc
(VCC = 5.0 V, VB = 4.0 V, RL = 1.0 kΩ)
VOL
–
–
0.2
Vdc
4. Pulse Test: Pulse Width < 300 µs, Duty Cycle < 2.0%
Output Voltage (on)
Input Resistor
R1
kΩ
Resistor Ratio
R1/R2
1.7
2.1
2.6
Figure 1. Derating Curve
350
200
150
100
50
0
–50
0
50
100
150
TA, AMBIENT TEMPERATURE (°C)
RθJA = 370°C/W
250
A8P
32.9
47
61.1
2010. 4. 22
2/4
Revision No : 0
DTC109



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com