Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DTC501 Datasheet(PDF) 2 Page - First Silicon Co., Ltd

Part # DTC501
Description  Bias Resistor Transistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

DTC501 Datasheet(HTML) 2 Page - First Silicon Co., Ltd

  DTC501 Datasheet HTML 1Page - First Silicon Co., Ltd DTC501 Datasheet HTML 2Page - First Silicon Co., Ltd DTC501 Datasheet HTML 3Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2008. 1. 28
2/3
DTC501
Revision No : 0
ELECTRICAL CHARACTERISTICS (TA = 25 C unless otherwise noted) (Continued)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Collector-Base Cutoff Current (VCB = 50 V, IE = 0)
ICBO
–
–
100
nAdc
Collector-Emitter Cutoff Current (VCE = 50 V, IB = 0)
ICEO
–
–
500
nAdc
Emitter-Base Cutoff Current
(VBE = 6.0 V)
IEBO
–
–
1.5
mAdc
Collector-Base Breakdown Voltage (IC = 10 µA, IE = 0)
V(BR)CBO
50
–
–
Vdc
Collector-Emitter Breakdown Voltage (Note 3)
(IC = 2.0 mA, IB = 0)
V(BR)CEO
50
–
–
Vdc
ON CHARACTERISTICS (Note 3)
DC Current Gain
(VCE = 10 V, IC = 5.0 mA)
hFE
15
–
Collector-Emitter Saturation Voltage (IC = 10 mA, IB = 1 mA)
VCE(sat)
–
–
0.25
Vdc
VOL
–
–
0.2
Vdc
3. Pulse Test: Pulse Width < 300µs, Duty Cycle < 2.0%
(VCC = 5.0 V, VB = 2.5 V, RL = 1.0 kΩ)
Output Voltage (on)
3.3
R1/R2
Resistor Ratio
Input Resistor
R1
kΩ
(VCC = 5.0 V, VB= 0.25 V, RL= 1.0 kΩ)
Output Voltage (off)
VOH
–
Vdc
4.9
30
0.8
1.0
1.2
4.7
–
6.1



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com