Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DTC502 Datasheet(PDF) 2 Page - First Silicon Co., Ltd

Part # DTC502
Description  Digital transistors (built-in resistors)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

DTC502 Datasheet(HTML) 2 Page - First Silicon Co., Ltd

  DTC502 Datasheet HTML 1Page - First Silicon Co., Ltd DTC502 Datasheet HTML 2Page - First Silicon Co., Ltd DTC502 Datasheet HTML 3Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2008. 1. 28
2/3
DTC502
Revision No : 0
Electrical characteristic curves
•
100
50
20
10
5
2
1
500m
200m
100m
100μ 200μ
500μ 1m 2m
5m
10m 20m
50m 100m
Output Current, IOUT (A)
Fig.1 Input Voltage vs. Output Current
(ON Characteristics)
10m
0
0.5
1.0
1.5
2.0
2.5
3.0
5m
2m
1m
500μ
200μ
100μ
50μ
20μ
10μ
5μ
2μ
1μ
Input Voltage, VIN(OFF) (V)
Fig.2 Output Current vs. Input Voltage
(OFF Characteristics)
1K
500
Output Current, IOUT (A)
200
100
50
20
10
5
2
1
Fig 3
DC Current Gain vs. Output Current
500m
Output Current, IOUT (A)
200m
100m
50m
20m
10m
5m
2m
1m
Fig.4
Output Voltage vs. Output Current
1
25 C
100 C
Ta= - 40 C
VOUT=0.3V
VOUT=5V
VCC=5V
lOUT/lIN=20
25 C
-40 C
Ta= 100 C
25
-40
Ta= 100
25 C
-40 C
Ta= 100 C
100μ 200μ
500μ 1m 2m
5m
10m 20m
50m 100m
100μ 200μ
500μ 1m 2m
5m
10m 20m
50m 100m



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com